Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RVQ10YN10SB102M Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RVQ10YN10SB102M
Description  Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RVQ10YN10SB102M Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RVQ10YN10SB102M Datasheet HTML 1Page - TOCOSAMERICA, INC. RVQ10YN10SB102M Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . 5k
Ω and 10kΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
20% standard
End Resistance . . . . . . . . . . . . . . . . . . . . . . . Not applicable
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear
Independent Linearity . . . . . . . . . . . . . . . . . . . .
3% max.
Peak Noise (C.R.V.) . . . . . . . 1% or 2
Ω, whichever is greater
Power Rating . . . . . . . 0.125 watt at
40 C, 0 watt at
85 C
Maximum Input Voltage . . . . . . . . . 35VDC or power rating,
whichever is smaller
Insulation Resistance . . . . . . . 100M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . 320 nominal
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360
Shaft Torque . . . . . . . . . . . . . . . 15 gf cm (0.208 oz in) max.
Stop Strength . . . . . . . . . . . . . . . . . . . . Continuous, no stop
Shaft Strength (push) . . . . . . . . . . . . . . . 29.4 N (3 kgf ) min.
Shaft Strength (tensile) . . . . . . . . . . . . . 29.4 N (3 kgf ) min.
Shaft End Play . . . . . . . . .
0.3
(shaft length /15) mm max.
Mounting Nut Torque . . . . . . 3.5 kgf cm (48.52 oz in) min.
Marking . . . . . Model type, taper, resistance code, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . . .
10 Cto
85 C
Temperature Characteristics . . . . . . . . . . .
85 C, 5 hours
∆T/R ) 10%
Temperature Cycle . . . . . . . . . . . . . . . . . . . .
10 C,
85 C,
30 minutes each, 5 cycles
∆T/R ) 10%
Load Life . . . . . . . . . . . . . . . .
40 C, 0.125 watt, 1,000 hours
∆T/R ) 10%
Moisture and Load Life . . . . . . . . . . . .
40 C, 90-95%RH,
0.125 watt, 500 hours
∆T/R ) 10%
Vibration . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions
∆T/R ) 5%
Soldering Heat Resistance . . . . . . . 350 C
5 C, 3 seconds
∆T/R ) 2%
Rotational Life . . . . . . . . . . . . . 200,000 cycles without load
∆T/R ) 5%
∆T/R = Total Resistance Change
RVQ103YN Series
Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
TOCOS®
P ANEL CONTROLS
Features
Long life 10mm diameter, single-turn industrial panel controls
Carbon film element
200,000 cycle rotational life
Single unit, single shaft
Linear taper
Molded plastic construction for housing and bushing
Lightweight
3mm diameter metal shafts in slot, flat or round end styles
Standard 10mm or 15mm shaft length
Panel mount style
Rear exit vertical lug terminals
PCB mounting style available as special order
Note: A long life panel control should only be used in a circuit
as a potentiometer (3-terminal voltage divider ).
86
RVQ103YP
RVQ103YN


Similar Part No. - RVQ10YN10SB102M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN10FB100K TOCOS-RVQ12YN10FB100K Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN10FB101K TOCOS-RVQ12YN10FB101K Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN10FB102K TOCOS-RVQ12YN10FB102K Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN10FB103K TOCOS-RVQ12YN10FB103K Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
More results

Similar Description - RVQ10YN10SB102M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ12YN3 TOCOS-RVQ12YN3 Datasheet
503Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
   Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ16YN TOCOS-RVQ16YN Datasheet
544Kb / 2P
   Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N2 TOCOS-RVQ20N2 Datasheet
575Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N TOCOS-RVQ20N Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RV103 TOCOS-RV103 Datasheet
598Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV102 TOCOS-RV102 Datasheet
514Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
TP96N93 TOCOS-TP96N93 Datasheet
491Kb / 2P
   Long Life 9mm Square, Single-Turn, Carbon Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com