Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF063UT2B102K Datasheet(PDF) 10 Page - TOCOSAMERICA, INC.

Part # GF063UT2B102K
Description  1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF063UT2B102K Datasheet(HTML) 10 Page - TOCOSAMERICA, INC.

Back Button GF063UT2B102K Datasheet HTML 4Page - TOCOSAMERICA, INC. GF063UT2B102K Datasheet HTML 5Page - TOCOSAMERICA, INC. GF063UT2B102K Datasheet HTML 6Page - TOCOSAMERICA, INC. GF063UT2B102K Datasheet HTML 7Page - TOCOSAMERICA, INC. GF063UT2B102K Datasheet HTML 8Page - TOCOSAMERICA, INC. GF063UT2B102K Datasheet HTML 9Page - TOCOSAMERICA, INC. GF063UT2B102K Datasheet HTML 10Page - TOCOSAMERICA, INC. GF063UT2B102K Datasheet HTML 11Page - TOCOSAMERICA, INC. GF063UT2B102K Datasheet HTML 12Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
65
Part Numbers
GF063 Series
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance: K =
10% (see footnote for M =
20% )
Value (
Ω)
Code
*Catalog No.*
Tape & Reel
*Catalog No.*
Bulk
*Catalog No.*
Tape & Ammo Box
* Substitute code letter M in place of K at end of catalog part number for
20% resistance tolerance.
GF063Y B 100 K
GF063Y B 200 K
GF063Y B 500 K
GF063Y B 101 K
GF063Y B 201 K
GF063Y B 501 K
GF063Y B 102 K
GF063Y B 202 K
GF063Y B 502 K
GF063Y B 103 K
GF063Y B 203 K
GF063Y B 503 K
GF063Y B 104 K
GF063Y B 204 K
GF063Y B 504 K
GF063Y B 105 K
GF063Y B 205 K
GF063Y B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063Y Through-Hole, Y Terminal Style, Cross-Slot, Top Adjust
GF063Y1 B 100 K
GF063Y1 B 200 K
GF063Y1 B 500 K
GF063Y1 B 101 K
GF063Y1 B 201 K
GF063Y1 B 501 K
GF063Y1 B 102 K
GF063Y1 B 202 K
GF063Y1 B 502 K
GF063Y1 B 103 K
GF063Y1 B 203 K
GF063Y1 B 503 K
GF063Y1 B 104 K
GF063Y1 B 204 K
GF063Y1 B 504 K
GF063Y1 B 105 K
GF063Y1 B 205 K
GF063Y1 B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063Y1 Through-Hole, Y1 Terminal Style, Cross-Slot, Top Adjust
GF063S Through-Hole, S Terminal Style, Cross-Slot, Side Adjust
GF063ST B 100 K
GF063ST B 200 K
GF063ST B 500 K
GF063ST B 101 K
GF063ST B 201 K
GF063ST B 501 K
GF063ST B 102 K
GF063ST B 202 K
GF063ST B 502 K
GF063ST B 103 K
GF063ST B 203 K
GF063ST B 503 K
GF063ST B 104 K
GF063ST B 204 K
GF063ST B 504 K
GF063ST B 105 K
GF063ST B 205 K
GF063ST B 505 K
GF063ST2 B 100 K
GF063ST2 B 200 K
GF063ST2 B 500 K
GF063ST2 B 101 K
GF063ST2 B 201 K
GF063ST2 B 501 K
GF063ST2 B 102 K
GF063ST2 B 202 K
GF063ST2 B 502 K
GF063ST2 B 103 K
GF063ST2 B 203 K
GF063ST2 B 503 K
GF063ST2 B 104 K
GF063ST2 B 204 K
GF063ST2 B 504 K
GF063ST2 B 105 K
GF063ST2 B 205 K
GF063ST2 B 505 K
GF063S B 100 K
GF063S B 200 K
GF063S B 500 K
GF063S B 101 K
GF063S B 201 K
GF063S B 501 K
GF063S B 102 K
GF063S B 202 K
GF063S B 502 K
GF063S B 103 K
GF063S B 203 K
GF063S B 503 K
GF063S B 104 K
GF063S B 204 K
GF063S B 504 K
GF063S B 105 K
GF063S B 205 K
GF063S B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063Y
GF063Y1
GF063S


Similar Part No. - GF063UT2B102K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF063UK ETC1-GF063UK Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
GF063UKP1KB100K ETC1-GF063UKP1KB100K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063UKP1KB100K TOCOS-GF063UKP1KB100K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063UKP1KB100M TOCOS-GF063UKP1KB100M Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063UKP1KB101K ETC1-GF063UKP1KB101K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
More results

Similar Description - GF063UT2B102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
logo
TOCOSAMERICA, INC.
RJC097 TOCOS-RJC097 Datasheet
208Kb / 4P
   3/4?쇺? Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07R TOCOS-RJC07R Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com