Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1602G Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SF1602G
Description  16A SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF1602G Datasheet(HTML) 3 Page - Won-Top Electronics

  SF1602G Datasheet HTML 1Page - Won-Top Electronics SF1602G Datasheet HTML 2Page - Won-Top Electronics SF1602G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SF1601G – SF1606G TO-220A
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SF1601G
TO-220A
50 Units/Tube
SF1602G
TO-220A
50 Units/Tube
SF1603G
TO-220A
50 Units/Tube
SF1604G
TO-220A
50 Units/Tube
SF1605G
TO-220A
50 Units/Tube
SF1606G
TO-220A
50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SF1602G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF1602G TSC-SF1602G Datasheet
344Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
RFE international
SF1602G RFE-SF1602G Datasheet
95Kb / 1P
   LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
logo
Taiwan Semiconductor Co...
SF1602G TSC-SF1602G Datasheet
610Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1602G TSC-SF1602G Datasheet
197Kb / 2P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF1602G LUGUANG-SF1602G Datasheet
241Kb / 2P
   16.0AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF1602G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1600CT WTE-ER1600CT Datasheet
52Kb / 3P
   16A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
STPRF1605CT DIODES-STPRF1605CT Datasheet
65Kb / 2P
   16A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14011 Rev. C-2
logo
Won-Top Electronics
SF1601PT WTE-SF1601PT Datasheet
45Kb / 3P
   16A SUPER-FAST GLASS PASSIVATED RECTIFIER
FR1601G WTE-FR1601G Datasheet
54Kb / 3P
   16A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Frontier Electronics.
FEF160-02 FRONTIER-FEF160-02 Datasheet
130Kb / 2P
   16A FAST EFFICIENT GLASS PASSIVATED RECTIFIER
FEF160-02CT FRONTIER-FEF160-02CT Datasheet
130Kb / 2P
   16A DUAL FAST EFFICIENT GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com