Electronic Components Datasheet Search |
|
GF063P1-LMT2B105K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC. |
|
GF063P1-LMT2B105K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC. |
1 / 12 page TOCOS AMERICA, INC. 1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 56 Specifications Electrical Standard Resistance Range . . . . . . . . . . . . . . 10 Ω to 5MΩ (standard 1, 2 & 5 sequence ) Resistance Tolerance . . . . . . . . . . . . . . . 10% and 20% End Resistance . . . . . . . . . . 1% or 1 Ω, whichever is greater Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . . . Linear Peak Noise (C.R.V.) . . . . . . . 1% or 1 Ω, whichever is greater Power Rating . . . . . . . . 0.5 watt at 70 C, 0 watt at 125 C Maximum Input Voltage . . . . . . . . 250VDC or power rating, whichever is smaller Temperature Coefficient . . . . . . . . . . . . . . . . 100ppm / C Insulation Resistance . . . . . 1,000M Ω minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . 900VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 210 10 Mechanical Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 250 10 Shaft Torque . . . . . . . . . . . . . . 200 gf • cm (2.77 oz • in) max. Stop Strength . . . . . . . . . . . . . . 500 gf • cm (6.93 oz • in) min. Flammability of Plastic Materials . . . . . . . Meets UL 94V-0 Nominal Weight . . . . . . . . . . . . . . . . . . . . . 0.4g (P, P1, W, U) 0.5g (P2, S, S1, X, X1, U1, Y, Y1, V, V1) Marking . . . . . . . . . Resistance code, date code, model type Environmental Temperature Range . . . . . . . . . . . . . . . . . 55 Cto 125 C Low Temperature Operation . . . . 55 C, 0.5 watt, 2 hours ∆T/R ) 2%, S.S. ) 2% High Temperature Exposure . . . . . . . . . 125 C, 250 hours ∆T/R ) 2%, S.S. ) 2% Load Life . . . . . . . . . . . . . . . . . 70 C, 0.5 watt, 1,000 hours ∆T/R ) 3%, S.S. ) 2% Thermal Shock . . . . . . . . . . . . . . . . . . . . . . 55 C, 125 C, 30 minutes each, 5 cycles ∆T/R ) 1%, S.S. ) 1% Shock . . . . . . . . . . . . 100G, 6ms, 6 directions, 3 times each ∆T/R ) 1%, S.S. ) 1% Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude, 20G, 12 hours ∆T/R ) 1%, S.S. ) 1% Humidity . . . . . . . . . . . . . . . . . . . . . . . . 40 C, 90-95%RH, 0.5 watt, 500 hours ∆T/R ) 3%, S.S. ) 2% Moisture Resistance . . . . . . 10 C to 65 C, 80-98%RH, 0.5 watt, 10 cycles, 240 hours ∆T/R ) 2% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds ∆T/R ) 1% Seal Test . . . . . . . . . . . . . . . . . 85 C, hot water for 1 minute Rotational Life . . . . . . . . . . 100 cycles without discontinuity ∆T/R ) (2Ω 3%) ∆T/R = Total Resistance Change; S.S. = Setting Stability (voltage ratio) GF063 Series 1/4’’ Square, Single-Turn, Through-Hole Sealed Cermet Trimmers TOCOS® POTENTIOMETERS Features 1/4” square, single-turn, through-hole, sealed cermet trimmers Top and side adjust styles available Larger diameter rotor than GF06 series for easier adjustment Precious metal, multi-contact wiper design Cross-slot design allows automatic machine adjustment Meets UL 94V-0 flammability requirements Sealed to withstand wave soldering and immersion cleaning processes Taping available, reel or ammo packaging For GF063 models available with a knob, refer to the GF063-K Series on page 68. |
Similar Part No. - GF063P1-LMT2B105K |
|
Similar Description - GF063P1-LMT2B105K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |