Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF16 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SF16
Description  1.0A SUPER-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF16 Datasheet(HTML) 3 Page - Won-Top Electronics

  SF16 Datasheet HTML 1Page - Won-Top Electronics SF16 Datasheet HTML 2Page - Won-Top Electronics SF16 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SF11 – SF17
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
SF11-T3
DO-41
5000/Tape & Reel
SF11-TB
DO-41
5000/Tape & Box
SF11
DO-41
1000 Units/Box
SF12-T3
DO-41
5000/Tape & Reel
SF12-TB
DO-41
5000/Tape & Box
SF12
DO-41
1000 Units/Box
SF13-T3
DO-41
5000/Tape & Reel
SF13-TB
DO-41
5000/Tape & Box
SF13
DO-41
1000 Units/Box
SF14-T3
DO-41
5000/Tape & Reel
SF14-TB
DO-41
5000/Tape & Box
SF14
DO-41
1000 Units/Box
SF15-T3
DO-41
5000/Tape & Reel
SF15-TB
DO-41
5000/Tape & Box
SF15
DO-41
1000 Units/Box
SF16-T3
DO-41
5000/Tape & Reel
SF16-TB
DO-41
5000/Tape & Box
SF16
DO-41
1000 Units/Box
SF17-T3
DO-41
5000/Tape & Reel
SF17-TB
DO-41
5000/Tape & Box
SF17
DO-41
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SF16

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF16 MOSPEC-SF16 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
Rugao Dachang Electroni...
SF16 DACHANG-SF16 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Micro Commercial Compon...
SF16 MCC-SF16 Datasheet
93Kb / 3P
   1.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
SF16 YFWDIODE-SF16 Datasheet
86Kb / 3P
   High current capability
logo
Weitron Technology
SF16 WEITRON-SF16 Datasheet
503Kb / 3P
   Axial Lead Super Fast Rectifier
More results

Similar Description - SF16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MUR140 DIODES-MUR140 Datasheet
64Kb / 2P
   1.0A SUPER-FAST RECTIFIER
DS30112 Rev. B-2
MUR140 DIODES-MUR140_15 Datasheet
91Kb / 3P
   1.0A SUPER-FAST RECTIFIER
MUR140 DIODES-MUR140_1 Datasheet
85Kb / 3P
   1.0A SUPER-FAST RECTIFIER
DS30112 Rev. 6 - 2
MUR120 DIODES-MUR120 Datasheet
66Kb / 2P
   1.0A SUPER-FAST RECTIFIER
DS30178 Rev. A-0
logo
YENYO TECHNOLOGY Co., L...
FS1AF YENYO-FS1AF Datasheet
281Kb / 3P
   1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26D ZSELEC-BYV26D Datasheet
84Kb / 2P
   1.0A SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
FS1000FL YENYO-FS1000FL Datasheet
212Kb / 2P
   1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26A ZSELEC-BYV26A Datasheet
93Kb / 2P
   1.0A SUPER FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
SF11 DIODES-SF11 Datasheet
58Kb / 2P
   1.0A SUPER-FAST RECOVERY RECTIFIER
DS24001 Rev. D1-3
logo
TAITRON Components Inco...
TSF11 TAITRON-TSF11 Datasheet
130Kb / 4P
   1.0A Super Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com