Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5400 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # 1N5400
Description  3A Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

1N5400 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  1N5400 Datasheet HTML 1Page - Silicon Standard Corp. 1N5400 Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.SiliconStandard.com
1 of 2
9/21/2006 Rev.4.01
Low forward voltage drop
High current capability
High reliability
High surge current capability
Case: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, matte tin plating
Polarity: Color band denotes cathode end
DO-201AD
Dimensions in inches and (millimeters)
FEATURES
MECHANICAL DATA
1N5400-1N5408
3A Silicon Rectifiers
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Parameter
Symbol
1N
5400
1N
5401
1N
5402
1N
5404
1N
5406
1N
5407
1N
5408
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800 1000
V
Maximum average forward rectified
current 0.375 (9.5mm) lead length
at TA = 75°C
I(AV)
3.0
A
Peak forward surge current, 8.3 ms single
half sine-wave superimposed on rated
load (JEDEC method )
IFSM
200
A
Maximum instantaneous forward voltage
at 3.0A
VF
1.2
V
Maximum DC reverse current at T A=25°C
at rated DC blocking voltage at T A=100°C
IR
10.0
500
uA
uA
Maximum full load reverse current, full
cycle average 0.5”(12.5mm) lead length
at TL=90°C
HTIR
500
uA
Typical junction capacitance
( Note 1 )
Cj
30
pF
Typical thermal resistance ( Note 2 )
R
θ JA
20
°C/W
Operating temperature range
TJ
-55 to +125
°C
Storage temperature range
TSTG
-55 to +150
°C
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4.0 V D.C.
2. Mounted with 0.375" (9.5mm) lead length on copper pads, size 20mm x 20mm, on P.C.B.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Pb-free; RoHS-compliant
High temperature soldering guaranteed:
Weight: 1.2 grams
lead lengths at 5 lbs. (2.3kg) tension
260°C for 10 seconds with 0.375” (9.5mm)
Voltage ratings available from 50 Volts to 1000 Volts
PRODUCT SUMMARY


Similar Part No. - 1N5400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
1N5400 TSC-1N5400 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
logo
SAMYANG ELECTRONICS CO....
1N5400 SAMYANG-1N5400 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - 1N5400

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
BY251 TMT-BY251_16 Datasheet
173Kb / 4P
   3A, 200V - 800V Silicon Rectifiers
1N5400 TMT-1N5400_16 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC1005 SEMTECH_ELEC-KBPC1005 Datasheet
237Kb / 2P
   3A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Chip Integration Techno...
DBF31 CITC-DBF31 Datasheet
520Kb / 4P
   3A Bridge Rectifiers
logo
Digitron Semiconductors
MBR370 DIGITRON-MBR370 Datasheet
426Kb / 2P
   3A SCHOTTKY RECTIFIERS
logo
Frontier Electronics.
1N5820 FRONTIER-1N5820 Datasheet
120Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR302 FRONTIER-SR302 Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR302-LFR FRONTIER-SR302-LFR Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR3150 FRONTIER-SR3150 Datasheet
371Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SL32 FRONTIER-SL32 Datasheet
450Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com