Electronic Components Datasheet Search |
|
RA16XPL10FB102J Datasheet(PDF) 1 Page - TOCOSAMERICA, INC. |
|
RA16XPL10FB102J Datasheet(HTML) 1 Page - TOCOSAMERICA, INC. |
1 / 4 page TOCOS AMERICA, INC. 1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 49 Specifications Electrical Standard Resistance Range . . . . . . . . . . . . . . 10 Ω to 10kΩ Resistance Tolerance . . . . . . . . . . . . . . . . . 10% standard ( 5%, 2% or 1% special order ) End Resistance . . . . . . . . . . . . . . . . . . R ! 500 Ω =1Ω max. R 0 500 Ω = 0.2% max. Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear Power Rating . . . . . . . . . . . . . . . . . . . . . . 0.5 watt at 40 C Insulation Resistance . . . . . . . 100M Ω minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute Theoretical Resolution Mechanical Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . 290 5 Shaft Torque . . . . . 20.4 to 153 gf • cm (0.283 to 2.121 oz • in) Stop Strength . . . . . . . . . . . 3.06 kgf • cm (42.42 oz • in) max. Mounting Nut Torque . . . . . .10.2 kgf • cm (141.4 oz • in) max. Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 3 seconds Marking . . . . . . . . . . . . . Model type, taper, resistance code, shaft type, terminal identification, date code Environmental Temperature Range . . . . . . . . . . . . . . Y = 10 Cto 100 C or X = 30 Cto 100 C Temperature Characteristics . . . . . . . . . . . 85 C, 5 hours without load ∆T/R ) 5% Low Temperature Exposure . . . . . . . 10 C ( Y ), 30 C ( X ) 1 hour without load ∆T/R ) 3% Load Life . . . . . . . . . . . . 40 C, 1,000 hours with rated load ∆T/R ) 3% Moisture and Load Life . . . . . . . . . . . . 40 C, 90-95%RH, 500 hours with 1/10 rated load ∆T/R ) 5% Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude, 2 directions, 2 hours each ∆T/R ) 1% Soldering Heat Resistance . . . . . . . . . 350 C, 3.5 seconds; 260 C, 5 seconds (PCB units) ∆T/R ) 2% Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock models only) with 1/2 rated load ∆T/R ) 3% R = Total Resistance Value; ∆T/R = Total Resistance Change RA16 Series 16mm Diameter, Single-Turn, Wirewound Industrial Panel Controls TOCOS® P ANEL CONTROLS Features 16mm diameter, single-turn industrial panel controls Wirewound element Single unit, single shaft Linear taper Metal shaft and bushing Shaft lock models available Panel and PCB mounting styles 3mm diameter shafts in slot, flat or round end styles Standard 10mm or 15mm shaft length Lug or right angle mount pin terminals Low operating temperature option of 10 C or 30 C, up to 100 C Resistance ( Ω) 10 20 50 100 200 Resistance ( Ω) 500 1,000 2,000 5,000 10,000 Resolution ( % ) 0.95 0.76 0.58 0.45 0.39 Resolution ( % ) 0.28 0.30 0.23 0.16 0.14 RA16Y RA16YP |
Similar Part No. - RA16XPL10FB102J |
|
Similar Description - RA16XPL10FB102J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |