Selected language     English  ā–¼


W005 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part No. W005
Description  Glass Passivated Single-Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SSC [Silicon Standard Corp.]
Homepage  http://www.siliconstandard.com
Logo 

   
 1 page
background image
Glass Passivated Single-Phase
Bridge Rectifiers
07/04/2007 Rev.1.00
www.SiliconStandard.com
1
RB154
PRODUCT SUMMARY
Reverse Voltage 50 to 1000 Volts
Forward current 1.5 Amperes
FEATURES
Surge overload ratings to 40 or 50 amperes peak
Ideal for printed circuit board
Reliable low cost construction technique results in inexpensive
product
High temperature soldering guaranteed:
260
oC / 10 seconds / 0.375" (9.5mm)
MECHANICAL DATA
Cases: Molded plastic
Terminals: solder plated
Polarity: As marked
Weight: 1.07 grams (RB-15), 1.10 grams (WOB)
lead length at 5 lbs. (2.3 kg) tension
Pb-free; RoHS-compliant
Package outline dimensions in inches (millimeters)




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl