Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF202-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SF202-T3
Description  2.0A SOFT FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF202-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  SF202-T3 Datasheet HTML 1Page - Won-Top Electronics SF202-T3 Datasheet HTML 2Page - Won-Top Electronics SF202-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SFR201 – SFR207
2 of 3
© 2002 Won-Top Electronics
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
A
°
0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
j
°
Pulse width = 300 s
µ


Similar Part No. - SF202-T3

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF202 CHENYI-SF202 Datasheet
158Kb / 2P
   SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF202 GOOD-ARK-SF202 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF202 JINANJINGHENG-SF202 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
Jiangsu High diode Semi...
SF2020-28F-29CT HDSEMI-SF2020-28F-29CT Datasheet
1Mb / 3P
   TO-220 Plastic-Encapsulate Diodes
logo
Soshin electric Co., Lt...
SF2020A-AS SOSHIN-SF2020A-AS Datasheet
99Kb / 2P
   Single-phase 2-line 250VAC
More results

Similar Description - SF202-T3

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF201 TAITRON-TF201 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
logo
List of Unclassifed Man...
TF201 ETC2-TF201 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
logo
Torex Semiconductor
XBF20A20S-G TOREX-XBF20A20S-G Datasheet
227Kb / 5P
   2.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001 DIODES-PR2001 Datasheet
61Kb / 2P
   2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. A1-2
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR2001 DIODES-PR2001_1 Datasheet
368Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. 4 - 2
logo
Torex Semiconductor
XBF20A40S-G TOREX-XBF20A40S-G Datasheet
227Kb / 5P
   2.0A Fast Recovery Rectifier
XBF20A60S-G TOREX-XBF20A60S-G Datasheet
227Kb / 5P
   2.0A Fast Recovery Rectifier
logo
Diodes Incorporated
SF21 DIODES-SF21 Datasheet
53Kb / 2P
   2.0A SUPER-FAST RECOVERY RECTIFIER
DS24002 Rev. D-3
logo
TAITRON Components Inco...
TUF201 TAITRON-TUF201 Datasheet
137Kb / 4P
   2.0A Ultra Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com