Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA75A Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # P4SMA75A
Description  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

P4SMA75A Datasheet(HTML) 2 Page - Silicon Standard Corp.

  P4SMA75A Datasheet HTML 1Page - Silicon Standard Corp. P4SMA75A Datasheet HTML 2Page - Silicon Standard Corp. P4SMA75A Datasheet HTML 3Page - Silicon Standard Corp. P4SMA75A Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
08/23/2007 Rev.1.00
www.SiliconStandard.com
2
P4SMA6.8A thru P4SMA550CA
MAXIMUM RATINGS AND CHARACTERISTICS
(TA=25
o
C unless otherwise noted)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
0
0
0
1
/
0
1
a
h
t
i
w
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
s
l
u
p
k
a
e
P
u
m
r
o
f
e
v
a
w
s
)
2
(
)
1
(
)
1
.
g
i
F
(
P
M
P
P
0
0
4W
0
0
0
1
/
0
1
a
h
t
i
w
t
n
e
r
r
u
c
e
s
l
u
p
k
a
e
P
u
m
r
o
f
e
v
a
w
s
)
1
(
)
3
.
g
i
F
(I
M
P
P
e
l
b
a
T
t
x
e
N
e
e
SA
T
,
k
n
i
s
t
a
e
h
e
t
i
n
i
f
n
i
n
o
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
A
0
5
=
oCP
)
V
A
(
M
0
.
1W
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
y
l
n
o
l
a
n
o
i
t
c
e
r
i
d
-
i
n
u
)
2
(
I
M
S
F
0
4A
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
)
3
(
R
θ A
J
0
2
1
o
W
/
C
s
d
a
e
l
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ L
J
0
3
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above T
A=25
o
C per Fig. 2. Rating is 300W above 91V.
2. Mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pads to each terminal
3. Mounted on minimum recommended pad layout


Similar Part No. - P4SMA75A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA75A WTE-P4SMA75A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Bourns Electronic Solut...
P4SMA75A BOURNS-P4SMA75A Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
P4SMA75A LEIDITECH-P4SMA75A Datasheet
1Mb / 7P
   Surface Mount ??400W
logo
Silicon Standard Corp.
P4SMA75A SSC-P4SMA75A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Ruilongyuan Electronics...
P4SMA75A RUILON-P4SMA75A Datasheet
878Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4SMA75A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com