Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85-C82 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # BZX85-C82
Description  ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

BZX85-C82 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  BZX85-C82 Datasheet HTML 1Page - Silicon Standard Corp. BZX85-C82 Datasheet HTML 2Page - Silicon Standard Corp. BZX85-C82 Datasheet HTML 3Page - Silicon Standard Corp. BZX85-C82 Datasheet HTML 4Page - Silicon Standard Corp. BZX85-C82 Datasheet HTML 5Page - Silicon Standard Corp. BZX85-C82 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
07/05/2007 Rev.1.00
www.SiliconStandard.com
2
BZX85-C12
e
p
y
T
r
e
b
m
u
n
r
o
f
C
=
y
+
%
5
r
o
f
B
=
y
+
%
2
e
c
n
a
t
s
i
s
e
r
c
i
m
a
n
y
D
t
n
e
i
c
i
f
f
e
o
c
.
p
m
e
T
e
g
a
t
l
o
v
r
e
n
e
z
f
o
I
t
a
Z I
=
T
Z
α
αααα
/
%
(
z
v
o
)
C
t
n
e
r
r
u
c
e
g
a
k
a
e
l
e
s
r
e
v
e
R
e
l
b
i
s
s
i
m
d
A
t
n
e
r
r
u
c
r
e
n
e
z
)
2
(
r
T
Z
)
3
(
(
Ω)
t
a
I
T
Z
)
A
m
(
r
K
Z
)
3
(
(
Ω)
t
a
I
K
Z
)
A
m
(.
n
i
M.
x
a
M
t
a
I
R (u
)
A
t
a
V
R
)
s
t
l
o
V
(
I
Z
)
A
m
(
t
t
a
p
s
m
0
1
=
I
M
S
Z
)
A
m
(
7
V
2
y
-
5
8
X
Z
B0
2
<0
60
0
4
<1
8
0
.
0
-6
0
.
0
--
1
-
-
0
V
3
y
-
5
8
X
Z
B0
2
<0
60
0
4
<1
8
0
.
0
-6
0
.
0
--
1
-
-
3
V
3
y
-
5
8
X
Z
B0
2
<0
60
0
4
<1
8
0
.
0
-6
0
.
0
--
1
-
-
6
V
3
y
-
5
8
X
Z
B5
1
<0
60
0
5
<1
8
0
.
0
-5
0
.
0
-0
2
<1
0
9
20
6
6
2
9
V
3
y
-
5
8
X
Z
B5
1
<0
60
0
5
<1
7
0
.
0
-2
0
.
0
-0
1
<1
0
8
20
4
5
2
3
V
4
y
-
5
8
X
Z
B3
1
<0
50
0
5
<1
5
0
.
0
-1
0
.
0
+3
<1
0
5
20
4
4
2
7
V
4
y
-
5
8
X
Z
B3
1
<5
40
0
6
<1
3
0
.
0
-4
0
.
0
+3
<1
5
1
20
2
3
2
1
V
5
y
-
5
8
X
Z
B0
1
<5
40
0
5
<1
1
0
.
0
-4
0
.
0
+1
<5
.
10
0
20
0
2
2
6
V
5
y
-
5
8
X
Z
B7
<5
40
0
4
<1
0
5
4
0
.
0
+1
<2
0
9
10
8
0
2
2
V
6
y
-
5
8
X
Z
B4
<5
30
0
3
<1
1
0
.
0
+5
5
0
.
0
+1
<3
0
7
10
6
9
1
8
V
6
y
-
5
8
X
Z
B5
.
3
<5
30
0
3
<1
5
1
0
.
0
+6
0
.
0
+1
<4
5
5
10
0
8
1
5
V
7
y
-
5
8
X
Z
B3
<5
30
0
2
<5
.
02
0
.
0
+5
6
0
.
0
+1
<5
.
40
4
10
2
6
1
2
V
8
y
-
5
8
X
Z
B5
<5
20
0
2
<5
.
03
0
.
0
+7
0
.
0
+1
<2
.
60
3
10
2
5
1
1
V
9
y
-
5
8
X
Z
B5
<5
20
0
2
<5
.
05
3
0
.
0
+5
7
0
.
0
+1
<8
.
60
2
10
4
3
1
0
1
y
-
5
8
X
Z
B7
<5
20
0
2
<5
.
04
0
.
0
+8
0
.
0
+5
.
0
<5
.
75
0
10
0
2
1
1
1
y
-
5
8
X
Z
B8
<0
20
0
3
<5
.
05
4
0
.
0
+8
0
.
0
+5
.
0
<2
.
87
90
0
1
1
2
1
y
-
5
8
X
Z
B9
<0
20
5
3
<5
.
05
4
0
.
0
+5
8
0
.
0
+5
.
0
<1
.
98
80
0
0
1
3
1
y
-
5
8
X
Z
B0
1
<0
20
0
4
<5
.
05
0
.
0
+5
8
0
.
0
+5
.
0
<0
19
70
0
9
5
1
y
-
5
8
X
Z
B0
1
<5
10
0
5
<5
.
05
5
0
.
0
+9
0
.
0
+5
.
0
<1
11
70
6
7
6
1
y
-
5
8
X
Z
B5
1
<5
10
0
5
<5
.
05
5
0
.
0
+9
0
.
0
+5
.
0
<2
16
60
0
7
8
1
y
-
5
8
X
Z
B0
2
<5
10
0
5
<5
.
06
0
.
0
+9
0
.
0
+5
.
0
<3
12
60
0
6
0
2
y
-
5
8
X
Z
B4
2
<0
10
0
6
<5
.
06
0
.
0
+9
0
.
0
+5
.
0
<5
16
50
4
5
2
2
y
-
5
8
X
Z
B5
2
<0
10
0
6
<5
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<6
12
50
0
5
4
2
y
-
5
8
X
Z
B5
2
<0
10
0
6
<5
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<8
17
40
5
4
7
2
y
-
5
8
X
Z
B0
3
<8
0
5
7
<5
2
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<0
21
40
0
4
0
3
y
-
5
8
X
Z
B0
3
<8
0
0
0
1
<5
2
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<2
26
30
8
3
3
3
y
-
5
8
X
Z
B5
3
<8
0
0
0
1
<5
2
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<4
23
30
5
3
6
3
y
-
5
8
X
Z
B0
4
<8
0
0
0
1
<5
2
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<7
20
30
2
3
9
3
y
-
5
8
X
Z
B0
5
<6
0
0
0
1
<5
2
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<0
38
26
9
2
3
4
y
-
5
8
X
Z
B0
5
<6
0
0
0
1
<5
2
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<3
36
20
7
2
7
4
y
-
5
8
X
Z
B0
9
<4
0
0
5
1
<5
2
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<6
33
26
4
2
1
5
y
-
5
8
X
Z
B5
1
1
<4
0
0
5
1
<5
2
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<9
31
26
2
2
6
5
y
-
5
8
X
Z
B0
2
1
<4
0
0
0
2
<5
2
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<3
49
18
0
2
2
6
y
-
5
8
X
Z
B5
2
1
<4
0
0
0
2
<5
2
.
06
0
.
0
+5
9
0
.
0
+5
.
0
<7
46
16
8
1
8
6
y
-
5
8
X
Z
B0
3
1
<4
0
0
0
2
<5
2
.
05
5
0
.
05
9
0
.
05
.
0
<1
55
11
7
1
5
7
y
-
5
8
X
Z
B5
3
1
<4
0
0
0
2
<5
2
.
05
5
0
.
05
9
0
.
05
.
0
<6
54
11
6
1
2
8
y
-
5
8
X
Z
B0
0
2
<7
.
20
0
0
3
<5
2
.
05
5
0
.
05
9
0
.
05
.
0
<2
62
11
4
1
1
9
y
-
5
8
X
Z
B0
5
2
<7
.
20
0
0
3
<5
2
.
05
5
0
.
05
9
0
.
05
.
0
<8
60
17
2
1
0
0
1
y
-
5
8
X
Z
B0
5
3
<7
.
20
0
0
3
<5
2
.
05
5
0
.
05
9
0
.
05
.
0
<5
74
.
96
1
1
0
1
1
y
-
5
8
X
Z
B0
5
4
<7
.
20
0
0
4
<5
2
.
05
5
0
.
05
9
0
.
05
.
0
<2
86
.
85
0
1
0
2
1
y
-
5
8
X
Z
B0
5
5
<2
0
0
5
4
<5
2
.
05
5
0
.
05
9
0
.
05
.
0
<1
98
.
76
9
0
3
1
y
-
5
8
X
Z
B0
0
7
<2
0
0
0
5
<5
2
.
05
5
0
.
05
9
0
.
05
.
0
<0
0
10
.
79
8
0
5
1
y
-
5
8
X
Z
B0
0
0
1
<2
0
0
0
6
<5
2
.
05
5
0
.
05
9
0
.
05
.
0
<0
1
14
.
67
7
0
6
1
y
-
5
8
X
Z
B0
0
1
1
<5
.
10
0
5
6
<5
2
.
00
5
0
.
05
9
0
.
05
.
0
<0
2
18
.
52
7
0
8
1
y
-
5
8
X
Z
B0
0
2
1
<5
.
10
0
0
7
<5
2
.
00
5
0
.
05
9
0
.
05
.
0
<0
3
12
.
54
6
0
0
2
y
-
5
8
X
Z
B0
0
5
1
<5
.
10
0
0
8
<5
2
.
00
5
0
.
05
9
0
.
05
.
0
<0
5
17
.
48
5
Notes:
1. Measured with pulses t
p=5 ms
2. Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
3. Measured with f=1 kHz
ELECTRICAL CHARACTERISTICS
(TA=25
o
C unless otherwise noted)
Maximum VF=1.0V at IF=200mA


Similar Part No. - BZX85-C82

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BZX85-C82 GOOD-ARK-BZX85-C82 Datasheet
209Kb / 6P
   Zener Diodes
logo
Silicon Standard Corp.
BZX85-C82 SSC-BZX85-C82 Datasheet
338Kb / 6P
   ZENER DIODES
More results

Similar Description - BZX85-C82

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com