Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85-C91 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # BZX85-C91
Description  ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

BZX85-C91 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  BZX85-C91 Datasheet HTML 1Page - Silicon Standard Corp. BZX85-C91 Datasheet HTML 2Page - Silicon Standard Corp. BZX85-C91 Datasheet HTML 3Page - Silicon Standard Corp. BZX85-C91 Datasheet HTML 4Page - Silicon Standard Corp. BZX85-C91 Datasheet HTML 5Page - Silicon Standard Corp. BZX85-C91 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZENER DIODES
07/05/2007 Rev.1.00
www.SiliconStandard.com
1
BZX85-C12
PRODUCT SUMMARY
VZ range: 3.6 to 200 Volts
Power dissipation: 1.3W
FEATURES
Silicon Planar Power Zener Diodes.
For use in stabilizing and clipping circuits with high power
rating.
The Zener voltages are graded according to the international
E 24 standard. Replace suffix "C" with "B" for ±2% tolerance.
Other voltage tolerances and other Zener voltages are available
upon request.
MECHANICAL DATA
Case: DO-41Glass Case
Weight: approx. 0.35g
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
(TA=25
o
C unless otherwise noted)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
)
"
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
"
e
l
b
a
T
e
e
s
(
t
n
e
r
r
u
c
r
e
n
e
Z
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oCP
t
o
t
3
.
1
)
1
(
W
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
0
3
1
)
1
(o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
JT
j
5
7
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
5
7
1
+
o
t
5
5
-
oC
Notes:
1. Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
Pb-free; RoHS-compliant


Similar Part No. - BZX85-C91

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BZX85-C91 GOOD-ARK-BZX85-C91 Datasheet
209Kb / 6P
   Zener Diodes
logo
Silicon Standard Corp.
BZX85-C91 SSC-BZX85-C91 Datasheet
338Kb / 6P
   ZENER DIODES
More results

Similar Description - BZX85-C91

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com