Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA20YL10RB203X2203K Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # RA20YL10RB203X2203K
Description  20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RA20YL10RB203X2203K Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  RA20YL10RB203X2203K Datasheet HTML 1Page - TOCOSAMERICA, INC. RA20YL10RB203X2203K Datasheet HTML 2Page - TOCOSAMERICA, INC. RA20YL10RB203X2203K Datasheet HTML 3Page - TOCOSAMERICA, INC. RA20YL10RB203X2203K Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
55
Unit: mm
Dimensions
RA20 Series
RA20YG
Panel Mount, Ganged Tandem Unit, Single Shaft
Right Angle Ear-Lug Terminals on Each Unit
Recommended
Panel Mounting Hole


Similar Part No. - RA20YL10RB203X2203K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA200 ETC-RA200 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
RA2000 ETC-RA2000 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
logo
Okaya Electric America,...
RA201PMC6 OKAYA-RA201PMC6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
logo
Powerex Power Semicondu...
RA202000A POWEREX-RA202000A Datasheet
458Kb / 4P
   General Purpose Rectifier (2000 Amperes Average 5400 Volts)
RA202500A POWEREX-RA202500A Datasheet
457Kb / 4P
   General Purpose Rectifier (2500 Amperes Average 4200 Volts)
More results

Similar Description - RA20YL10RB203X2203K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RVQ20N2 TOCOS-RVQ20N2 Datasheet
575Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com