Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ36A Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SMAJ36A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SMAJ36A Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SMAJ36A Datasheet HTML 1Page - Silicon Standard Corp. SMAJ36A Datasheet HTML 2Page - Silicon Standard Corp. SMAJ36A Datasheet HTML 3Page - Silicon Standard Corp. SMAJ36A Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.SiliconStandard.com
4 of 4
RATINGS AND CHARACTERISTIC CURVES
SMAJ Series
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
9/21/2006 Rev.4.01


Similar Part No. - SMAJ36A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SMAJ36A MERITEK-SMAJ36A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
SMAJ36A LEIDITECH-SMAJ36A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Yangzhou yangjie electr...
SMAJ36A YANGJIE-SMAJ36A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ36A JGD-SMAJ36A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMAJ36A VISHAY-SMAJ36A Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results

Similar Description - SMAJ36A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com