Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV103YP3-4CB15RB102K Datasheet(PDF) 4 Page - TOCOSAMERICA, INC.

Part # RV103YP3-4CB15RB102K
Description  10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV103YP3-4CB15RB102K Datasheet(HTML) 4 Page - TOCOSAMERICA, INC.

  RV103YP3-4CB15RB102K Datasheet HTML 1Page - TOCOSAMERICA, INC. RV103YP3-4CB15RB102K Datasheet HTML 2Page - TOCOSAMERICA, INC. RV103YP3-4CB15RB102K Datasheet HTML 3Page - TOCOSAMERICA, INC. RV103YP3-4CB15RB102K Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Part Numbering System
RV
Y
103
103 K
P -4C B
S
B
10
Resistance Tolerance: K =
10% (standard).
Resistance Code: Expressed in ohms. A three digit code where the first
two digits are significant figures, and the third digit indicates the number
of zeros that follow these figures (i.e., 100 = 10
Ω;101 = 100Ω;102 = 1,000Ω;
103 = 10,000
Ω;105 = 1,000,000Ω). See table for standard resistance values.
Resistance Taper: B = Linear.
Shaft End Style: S = Slotted.
F = Flatted.
R = Round.
Standard Shaft Length: 10 = 10mm FMS.
15 = 15mm FMS.
Up to 30mm shaft length available (special order ).
PCB Bracket: B = Mounting Bracket with PCB Pin Terminals.
Blank = No Bracket (standard).
Detent: - 4C = Center Detent.
Blank = No Detent.
Style: N = Panel Mount, Single Unit, Single Shaft, Rear Exit Vertical Lug
Terminals, 3-Lug Triangular Pattern.
P = PCB Mount, Single Unit, Single Shaft, Rear Exit Vertical Mount
Pin Terminals, 3-Pin Triangular Pattern.
P2 = PCB Mount, Single Unit, Single Shaft, Rear Exit Right Angle
Mount Pin Terminals, 3-Pin Inline Pattern.
P3 = PCB Mount, Single Unit, Single Shaft, Rear Exit Right Angle
Mount Pin Terminals, 3-Pin Inline Pattern, 2-Pin Standoff
Front Support Bracket.
PB = PCB Mount, Single Unit, Single Shaft, Rear Exit Vertical Mount
Pin Terminals, 3-Pin Inline Pattern, 4-Pin Mounting Bracket.
Operating Temperature Range: Y =
10 C to
85 C.
Size and Style: 10 = 10mm Diameter; 3 = Style of 10mm Size.
TOCOS Series Name: RV = Carbon Film Element.
RV103 Series
Resistance (
Ω)
100
200
500
Resistance (
Ω)
1,000
2,000
5,000
Resistance (
Ω)
10,000
20,000
50,000
Resistance (
Ω)
100,000
200,000
500,000
Resistance (
Ω)
1,000,000
2,000,000
Code
101
201
501
Code
102
202
502
Code
103
203
503
Code
104
204
504
Code
105
205
Standard Nominal Total Resistance Values and Part Numbering Codes
Standard Resistance Values and Part Numbering Codes
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability.
For additional information, refer to Guidelines and Precautions for Using Panel Controls.
NOTE: FMS = From Mounting Surface
15


Similar Part No. - RV103YP3-4CB15RB102K

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RV101K05 SEI-RV101K05 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AC-HE SEI-RV101K05AC-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AD-HE SEI-RV101K05AD-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AS-HE SEI-RV101K05AS-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AV-HE SEI-RV101K05AV-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
More results

Similar Description - RV103YP3-4CB15RB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV102 TOCOS-RV102 Datasheet
514Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RVQ103YN TOCOS-RVQ103YN Datasheet
439Kb / 2P
   Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
   24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com