Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

848-10-003 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 848-10-003
Description  EMI FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

848-10-003 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  848-10-003 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL CHARACTERISTICS:
1-1.
VOLTAGE RATING...................................115/250VAC
1-2.
CURRENT RATING
A. @ 115 VAC..........................................10 A RMS MAX
B. @ 250 VAC...........................................8 A RMS MAX
1-3.
OPERATING FREQUENCY......................50/60Hz
1-4.
LEAKAGE CURRENT: EACH LINE TO GROUND
A. @ 115 VAC 60Hz............................0.45 mA MAX
B. @ 250 VAC 50Hz.............................0.90 mA MAX
1-5.
HIPOT RATING (FOR ONE MINUTE)
A. LINE TO GROUND...........................2250 VDC
B. LINE TO LINE.....................................1450 VDC
1-6.
MINIMUM INSERTION LOSS IN dB: (AT 50 OHM SYSTEM)
1-7.
OPERATING TEMPERATURE.................-25° TO +85° C
1-8.
SAFETY:
1-9.
RoHS COMPLIANT
FREQ. MHz
COM. MODE dB
DIF. MODE dB
.05
8
1
.01
2
0
.10
12
15
.15
15
25
.50
20
50
1.0
25
50
5.0
40
45
10
45
45
30
40
45
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
848-10/003
Description:
EMI FILTER
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B.ZHANG
01-16-02
01-16-02
JJH / 01-16-02
UNIT: in
REV. C
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
RoHS Compliancy
Updated Specifications
06-01-06
08-12-08
DP
LY
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
SCHEMATIC:
L1: 40.0uH
L2: 1.2mH
C1: 0.22uF
C2: 3300+2200pF
R:
330KΩ
PHYSICAL DIMENSIONS:
1
2
3.75MAX
3.34MAX
2.94 ± 0.02
4
3
Ø0.188


Similar Part No. - 848-10-003

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
848-10/003 QUALTEK-848-10/003 Datasheet
244Kb / 1P
   EMI FILTER
848-10003 QUALTEK-848-10003 Datasheet
244Kb / 1P
   EMI FILTER
More results

Similar Description - 848-10-003

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFWCMC636347-152 XFMRS-XFWCMC636347-152 Datasheet
39Kb / 1P
   EMI filter
XFWCMC636347-142 XFMRS-XFWCMC636347-142 Datasheet
78Kb / 1P
   EMI filter
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
   EMI FILTER
862-06-001 QUALTEK-862-06-001 Datasheet
248Kb / 1P
   EMI FILTER
862-06-003 QUALTEK-862-06-003 Datasheet
255Kb / 1P
   EMI FILTER
864-06-007 QUALTEK-864-06-007 Datasheet
286Kb / 1P
   EMI FILTER
864-10-009 QUALTEK-864-10-009 Datasheet
268Kb / 1P
   EMI FILTER
880-06-006 QUALTEK-880-06-006 Datasheet
277Kb / 1P
   EMI FILTER
882-03-001 QUALTEK-882-03-001 Datasheet
295Kb / 1P
   EMI FILTER
882-06-013 QUALTEK-882-06-013 Datasheet
308Kb / 1P
   EMI FILTER
882-10-016 QUALTEK-882-10-016 Datasheet
304Kb / 1P
   EMI FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com