Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS16L Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS16L
Description  Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS16L Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS16L Datasheet HTML 1Page - Silicon Standard Corp. SS16L Datasheet HTML 2Page - Silicon Standard Corp. SS16L Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifiers
08/22/2007 Rev.1.00
www.SiliconStandard.com
1
PRODUCT SUMMARY
1.0 Amp. Surface Mount
FEATURES
For surface mounted application
Low-Profile Package
Ideal for automated pick & place

Low power loss, high efficiency

High current capability, low VF
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V- 
0
Epitaxial construction
High temperature soldering: 260
o
C
/ 10 seconds at
terminals
MECHANICAL DATA

Cases: Sub SMA plastic case

Terminal : Pure tin plated, lead free.
Polarity: Color band denotes cathode end
Packaging: 12mm tape per EIA STD RS-481
Weight approx. 15mg
Dimensions in inches and (millimeters)
Sub SMA
Pb-free; RoHS-compliant
SS12L thru SS115L


Similar Part No. - SS16L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS16L TSC-SS16L Datasheet
50Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SS16L JUXING-SS16L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
logo
Taiwan Semiconductor Co...
SS16L TSC-SS16L Datasheet
545Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
HY ELECTRONIC CORP.
SS16L HY-SS16L Datasheet
408Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
Taiwan Semiconductor Co...
SS16L TSC-SS16L Datasheet
204Kb / 4P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS16L

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com