Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS431TB Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS431TB
Description  Adjustable Precision Shunt Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS431TB Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS431TB Datasheet HTML 1Page - Silicon Standard Corp. SS431TB Datasheet HTML 2Page - Silicon Standard Corp. SS431TB Datasheet HTML 3Page - Silicon Standard Corp. SS431TB Datasheet HTML 4Page - Silicon Standard Corp. SS431TB Datasheet HTML 5Page - Silicon Standard Corp. SS431TB Datasheet HTML 6Page - Silicon Standard Corp. SS431TB Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
+
-
Vref
Ref
Cathode
Anode
Cathode
Ref.
Anode
SOT-23 (Top view)
SOT-89 (Top view)
2
1
3
Cathode
Reference
Anode
3
2
1
Cathode
Anode
Reference
SS431/G
Adjustable Precision Shunt Regulator
PIN CONFIGURATION
BLOCK DIAGRAM
TO-92 (Top view)
SYMBOL
The SS431 is a low-voltage three-terminal adjustable shunt
regulator with a guaranteed thermal stability over the applicable
temperature range. The output voltage can be set to any value
between VREF (approximately 2.5V) to 18V with two external
resistors (see application circuit). This device has a typical output
impedance of 0.2 ohms. Active output circuitry provides very sharp
turn-on
characteristics,
making
this
device
an
excellent
replacement for Zener diodes in many applications.
The SS431 is characterized for operation from 0°C to 105°C,
and three package options (SOT-23, SOT-89, and TO-92) allow
the designer the opportunity to select the proper package for his
application. The SS431 is available with a Pb-free lead finish
DESCRIPTION
Low voltage operation (2.5V)
Adjustable output voltage from VO = V REF to 18V
Wide operating current range from 0.4mA to 100mA
Low dynamic output impedance 0.5
Ω max.
ESD rating is 5.5kV (per MIL-STD 883D)
Linear Regulators
Adjustable Supplies
Switching Power Supplies
Battery Operated Computers
Instrumentation
Computer Disk Drives
FEATURES
APPLICATIONS
Rev.2.02 3/11/2004
- order as SS431Gxx.
Pb-free lead finish available.
Cathode
Reference
Anode
3
2
1


Similar Part No. - SS431TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS432G ETC-SS432G Datasheet
382Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Silicon Standard Corp.
SS432G SSC-SS432G Datasheet
658Kb / 7P
   Adjustable Precision Shunt Regulator
SS432GGB SSC-SS432GGB Datasheet
658Kb / 7P
   Adjustable Precision Shunt Regulator
SS432GGBTR SSC-SS432GGBTR Datasheet
658Kb / 7P
   Adjustable Precision Shunt Regulator
SS432GNB SSC-SS432GNB Datasheet
658Kb / 7P
   Adjustable Precision Shunt Regulator
More results

Similar Description - SS431TB

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com