Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3E6 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # 3E6
Description  Material specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

3E6 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  3E6 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 3E6 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 3E6 Datasheet HTML 3Page - Ferroxcube International Holding B.V. 3E6 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
161
Ferroxcube
Material specification
3E6
3E6 SPECIFICATIONS
Note
1.
Measured on sintered, non-ground ring cores of
dimensions Ø14
× Ø9 × 5 which are not subjected to
external stresses.
A high permeability material optimized for use in
wideband transformers as well as EMI-suppression
filters.
CONDITIONS
VALUE(1)
UNIT
µi
25
°C; ≤10 kHz;
0.25 mT
12000
± 20%
B25
°C; 10 kHz;
1200 A/m
≈ 390
mT
100
°C; 10 kHz;
1200 A/m
≈ 220
tan
δ/µi 25 °C; 10 kHz; 0.25 mT ≤ 10 × 10−6
25
°C; 30 kHz; 0.25 mT ≤ 30 × 10−6
ηB
25
°C; 10 kHz;
1.5 to3mT
≤ 1 × 10−3
T−1
ρ
DC; 25
°C
≈ 0.1
Ωm
TC
≥ 130
°C
density
≈ 4900
kg/m3
Fig.1
Complex permeability as
a function of frequency.
handbook, halfpage
MBW264
10
1
10
10 5
f (MHz)
µ' ,
s µ''s
10 4
10 3
10
10 2
3E6
µ''s
2
1
µ'
s
Fig.2
Initial permeability as a
function of temperature.
handbook, halfpage
40000
50
50
250
0
MBW265
150
10000
20000
30000
µ
i
T ( C)
o
3E6
Fig.3 Typical B-H loops.
handbook, halfpage
25
50
250
500
0
MBW266
150
100
200
300
400
25
0
H (A/m)
B
(mT)
3E6
25 oC
100 oC


Similar Part No. - 3E6

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
3E65 FERROXCUBE-3E65 Datasheet
664Kb / 8P
   Medium permeability High Curie Temperature High Saturation Flux Superior EMI ferrite material
logo
Littelfuse
3E6PT2.75 LITTELFUSE-3E6PT2.75 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
3E6PT2.75 LITTELFUSE-3E6PT2.75 Datasheet
564Kb / 10P
   Power Transformer Protection
3E6PT2.75 LITTELFUSE-3E6PT2.75 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
3E6PT5.5 LITTELFUSE-3E6PT5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 3E6

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
3R1 FERROXCUBE-3R1 Datasheet
56Kb / 4P
   Material specification
3S3 FERROXCUBE-3S3 Datasheet
52Kb / 4P
   Material specification
4F1 FERROXCUBE-4F1 Datasheet
53Kb / 4P
   Material specification
4S60 FERROXCUBE-4S60 Datasheet
48Kb / 4P
   Material specification
8C11 FERROXCUBE-8C11 Datasheet
45Kb / 3P
   Material specification
3B7 FERROXCUBE-3B7 Datasheet
47Kb / 4P
   Material specification
3C90 FERROXCUBE-3C90 Datasheet
51Kb / 4P
   Material specification
3C91 FERROXCUBE-3C91 Datasheet
50Kb / 4P
   Material specification
3E8 FERROXCUBE-3E8 Datasheet
49Kb / 4P
   Material specification
3E9 FERROXCUBE-3E9 Datasheet
45Kb / 4P
   Material specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com