Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS810-44GU Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS810-44GU
Description  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS810-44GU Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS810-44GU Datasheet HTML 1Page - Silicon Standard Corp. SS810-44GU Datasheet HTML 2Page - Silicon Standard Corp. SS810-44GU Datasheet HTML 3Page - Silicon Standard Corp. SS810-44GU Datasheet HTML 4Page - Silicon Standard Corp. SS810-44GU Datasheet HTML 5Page - Silicon Standard Corp. SS810-44GU Datasheet HTML 6Page - Silicon Standard Corp. SS810-44GU Datasheet HTML 7Page - Silicon Standard Corp. SS810-44GU Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.SiliconStandard.com
3 of 8
SS809/810G
9/20/2006 Rev.3.01
ABSOLUTE MAXIMUM RATINGS
VCC
-0.3V ~6.5V
RESET, RESET
-0.3V ~ (VCC+0.3V)
Input Current (VCC)
20mA
Output Current (RESET or
RESET )
20mA
Continuous Power Dissipation (TA = +70
°C)
320mW
Operating Junction Temperature Range
-40
°C ~ 85°C
Storage Temperature Range
- 65
°C ~ 125°C
Lead Temperature (Soldering) 10 sec
260
°C
Note1: Any stress beyond the Absolute Maximum Ratings above may cause permanent damage to the device.
TEST CIRCUIT
RESET
2
VCC
3
GND
1
SS809G
Vin
Iin


Similar Part No. - SS810-44GU

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS810 LUGUANG-SS810 Datasheet
315Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
RFE international
SS810 RFE-SS810 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifier
10-17-2022
logo
Formosa MS
SS810 FORMOSA-SS810 Datasheet
122Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SS810 CHENDA-SS810 Datasheet
868Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS810 DGNJDZ-SS810 Datasheet
665Kb / 3P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
More results

Similar Description - SS810-44GU

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com