Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3S1 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # 3S1
Description  Material specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

3S1 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  3S1 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 3S1 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 3S1 Datasheet HTML 3Page - Ferroxcube International Holding B.V. 3S1 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008 Sep 01
205
Ferroxcube
Material specification
3S1
Fig.3 Impedance as a function of frequency,
measured on a bead
∅5 ×∅2 × 10 mm.
handbook, halfpage
150
0
100
1
MBW218
10
102
103
50
Z
(
Ω)
f (MHz)
3S1


Similar Part No. - 3S1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
3S1265RD TOSHIBA-3S1265RD Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Freescale Semiconductor...
3S12HN128 FREESCALE-3S12HN128 Datasheet
495Kb / 28P
   16-bit Microcontroller
3S12HN32 FREESCALE-3S12HN32 Datasheet
495Kb / 28P
   16-bit Microcontroller
3S12HN64 FREESCALE-3S12HN64 Datasheet
495Kb / 28P
   16-bit Microcontroller
3S12HZ128 FREESCALE-3S12HZ128 Datasheet
495Kb / 28P
   16-bit Microcontroller
More results

Similar Description - 3S1

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
3R1 FERROXCUBE-3R1 Datasheet
56Kb / 4P
   Material specification
3S3 FERROXCUBE-3S3 Datasheet
52Kb / 4P
   Material specification
4F1 FERROXCUBE-4F1 Datasheet
53Kb / 4P
   Material specification
4S60 FERROXCUBE-4S60 Datasheet
48Kb / 4P
   Material specification
8C11 FERROXCUBE-8C11 Datasheet
45Kb / 3P
   Material specification
3B7 FERROXCUBE-3B7 Datasheet
47Kb / 4P
   Material specification
3C90 FERROXCUBE-3C90 Datasheet
51Kb / 4P
   Material specification
3C91 FERROXCUBE-3C91 Datasheet
50Kb / 4P
   Material specification
3E6 FERROXCUBE-3E6 Datasheet
49Kb / 4P
   Material specification
3E8 FERROXCUBE-3E8 Datasheet
49Kb / 4P
   Material specification
3E9 FERROXCUBE-3E9 Datasheet
45Kb / 4P
   Material specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com