Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR29-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SR29-T3
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SR29-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  SR29-T3 Datasheet HTML 1Page - Won-Top Electronics SR29-T3 Datasheet HTML 2Page - Won-Top Electronics SR29-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SR22 – SR29
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
SR22-T1
SMA
1800/Tape & Reel
SR22-T3
SMA
7500/Tape & Reel
SR23-T1
SMA
1800/Tape & Reel
SR23-T3
SMA
7500/Tape & Reel
SR24-T1
SMA
1800/Tape & Reel
SR24-T3
SMA
7500/Tape & Reel
SR25-T1
SMA
1800/Tape & Reel
SR25-T3
SMA
7500/Tape & Reel
SR26-T1
SMA
1800/Tape & Reel
SR26-T3
SMA
7500/Tape & Reel
SR28-T1
SMA
1800/Tape & Reel
SR28-T3
SMA
7500/Tape & Reel
SR29-T1
SMA
1800/Tape & Reel
SR29-T3
SMA
7500/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.050 MIN
(1.27 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.058 MIN
(1.47 MIN)
0.083 MAX
(2.11 MAX)


Similar Part No. - SR29-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR29-T3 WTE-SR29-T3 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SR29-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B240A-13-F DIODES-B240A-13-F Datasheet
175Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com