Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4D2 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # 4D2
Description  Material specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

4D2 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  4D2 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 4D2 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 4D2 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
242
Ferroxcube
Material specification
4D2
4D2 SPECIFICATIONS
Low permeability NiZn ferrite for use in RF tuning,
wideband and balun transformers.
SYMBOL
CONDITIONS
VALUE
UNIT
µi
25
°C; ≤10 kHz;
0.25 mT
60
±20%
B25
°C; 10 kHz;
10 kA/m
≈ 250
mT
100
°C; 10 kHz;
10 kA/m
≈ 230
tan
δ/µi
25
°C; 10 MHz;
0.25 mT
≤ 100 × 10−6
25
°C; 30 MHz;
0.25 mT
≤ 600 × 10−6
ρ
DC, 25
°C
≈ 105
Ωm
TC
≥ 400
°C
density
≈ 4200
kg/m3
Fig.1
Complex permeability as
a function of frequency.
handbook, halfpage
1
MBW300
10
102
10
3
1
10 3
10
f (MHz)
µ' ,
s µ''s
4D2
10
2
µ's
µ''
s
Fig.2
Initial permeability as a
function of temperature.
handbook, halfpage
100
50
100
500
0
MBW301
300
20
40
60
80
µ
i
T ( C)
o
4D2
0
Fig.3 Typical B-H loops.
handbook, halfpage
400
800
8000
500
0
MBW302
4000
100
200
300
400
400
0
H (A/m)
B
(mT)
4D2
25 oC
100 oC


Similar Part No. - 4D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4D20 ETC2-4D20 Datasheet
137Kb / 1P
   Cable and Wire Mounts
4D21 ETC2-4D21 Datasheet
288Kb / 6P
   VHF POWER TETRODE
4D21 ETC2-4D21 Datasheet
852Kb / 8P
   RADIAL-BEAM POWER TETRODE. MODULATOR OSCILLATOR AMPLIFIER
logo
Cooper Bussmann, Inc.
4D27 COOPER-4D27 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
4D27 COOPER-4D27 Datasheet
366Kb / 12P
   D and DO fuse links and bases
More results

Similar Description - 4D2

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
3R1 FERROXCUBE-3R1 Datasheet
56Kb / 4P
   Material specification
3S3 FERROXCUBE-3S3 Datasheet
52Kb / 4P
   Material specification
4F1 FERROXCUBE-4F1 Datasheet
53Kb / 4P
   Material specification
4S60 FERROXCUBE-4S60 Datasheet
48Kb / 4P
   Material specification
8C11 FERROXCUBE-8C11 Datasheet
45Kb / 3P
   Material specification
3B7 FERROXCUBE-3B7 Datasheet
47Kb / 4P
   Material specification
3C90 FERROXCUBE-3C90 Datasheet
51Kb / 4P
   Material specification
3C91 FERROXCUBE-3C91 Datasheet
50Kb / 4P
   Material specification
3E6 FERROXCUBE-3E6 Datasheet
49Kb / 4P
   Material specification
3E8 FERROXCUBE-3E8 Datasheet
49Kb / 4P
   Material specification
3E9 FERROXCUBE-3E9 Datasheet
45Kb / 4P
   Material specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com