Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1602FCT Datasheet(PDF) 1 Page - Won-Top Electronics

Part # UF1602FCT
Description  16A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF1602FCT Datasheet(HTML) 1 Page - Won-Top Electronics

  UF1602FCT Datasheet HTML 1Page - Won-Top Electronics UF1602FCT Datasheet HTML 2Page - Won-Top Electronics UF1602FCT Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF1600FCT – UF1608FCT
1 of 3
© 2002 Won-Top Electronics
UF1600FCT – UF1608FCT
16A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
Features
!
Glass Passivated Die Construction
B
!
Ultra-Fast Switching
!
High Current Capability
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
3
                D
Mechanical Data
F
E
!
Case: ITO-220 Full Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
L
!
Mounting Position: Any
H
!
Marking: Type Number
PIN 1 -
+
J
PIN 3 -
PIN 2
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UF
1600FCT
UF
1601FCT
UF
1602FCT
UF
1603FCT
UF
1604FCT
UF
1606FCT
UF
1608FCT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
V
Average Rectified Output Current
@TC = 105°C
IO
16
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
125
A
Forward Voltage
@IF = 8.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
50
100
nS
Typical Junction Capacitance (Note 2)
Cj
80
50
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
ITO-220
Dim
Min
Max
A
14.9
15.1
B
10.5
C
2.62
2.87
D
3.56
4.06
E
13.46
14.22
F
0.68
0.94
G
3.74 Ø
3.91 Ø
H
5.84
6.86
I
4.44
4.70
J
2.54
2.79
K
0.35
0.64
L
1.14
1.40
P
2.41
2.67
All Dimensions in mm


Similar Part No. - UF1602FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1602FCT PANJIT-UF1602FCT Datasheet
56Kb / 2P
   ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
logo
Won-Top Electronics
UF1602FCT WTE-UF1602FCT Datasheet
60Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1602FCT PANJIT-UF1602FCT Datasheet
45Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
UF1602FCT PANJIT-UF1602FCT Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF1602FCT YEASHIN-UF1602FCT Datasheet
41Kb / 2P
   ISOLATION UL TRAFAST RECOVERY RECTIFIERS 50 to 800 Volts 16 AmperesCURRENT
More results

Similar Description - UF1602FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1600CT WTE-UF1600CT Datasheet
49Kb / 3P
   16A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1600CT WTE-UF1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600FCT WTE-UF1600FCT_06 Datasheet
60Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT Datasheet
46Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF800F WTE-UF800F Datasheet
47Kb / 3P
   8.0A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000F WTE-UF1000F Datasheet
44Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Frontier Electronics.
GPF160-005 FRONTIER-GPF160-005 Datasheet
123Kb / 2P
   16A GLASS PASSIVATED STANDARD RECTIFIER
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com