Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

010164FR Datasheet(PDF) 1 Page - SUYIN USA, INC.

Part # 010164FR
Description  3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUYIN-USA [SUYIN USA, INC.]
Direct Link  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

010164FR Datasheet(HTML) 1 Page - SUYIN USA, INC.

  010164FR Datasheet HTML 1Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mobile
AUDIO
JACK
293
Specifications:
Insulator Material
: Black High Temp. Plastic
: Contact Gold Plated
: 1.5A
: 12V AC
: 500V AC For 60 Seconds
Operating Type Range
Terminal Material
Platings
Max. Current Rating
Max. Voltage Rating
Dielectric Strength
Order Information
3.5mm EARPHONE JACK
(NORMAL CLOSE TYPE)
010164FR Series
: Phos. Bronze
Recommended P.C.B Layout
12
3
6 4 5
1. 'R' : Right Angle Dip Type
2. No. of pins.
3. Plating
4. Color 'Z' : Black
'I' : Blue(284C)
'J' : Pink(701C)
'H' : Green(577C)
5. Package
'U' : Tube Package Without Cap
'L' : Reel Package Without Cap
6.Similar Type
Reference Page 11
Dimensional Information
SUYIN P/NO.


Similar Part No. - 010164FR

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
010162FB SUYIN-USA-010162FB Datasheet
157Kb / 1P
   2.50mm EARPHONE JACK 3 POLES
010163FB SUYIN-USA-010163FB Datasheet
150Kb / 1P
   2 in 1 EARPHONE. DC JACK WITH SWITCH NORMAL CLOSE TYPE
logo
AVX Corporation
01016D101KAT2A AVX-01016D101KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
01016D107KAT2A AVX-01016D107KAT2A Datasheet
787Kb / 4P
   General Specifications
01016D107KAT4A AVX-01016D107KAT4A Datasheet
787Kb / 4P
   General Specifications
More results

Similar Description - 010164FR

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
010178FR SUYIN-USA-010178FR Datasheet
147Kb / 1P
   3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
010163FB SUYIN-USA-010163FB Datasheet
150Kb / 1P
   2 in 1 EARPHONE. DC JACK WITH SWITCH NORMAL CLOSE TYPE
logo
Dubilier
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0381-3RT DUBILIER-DBCEJ0381-3RT Datasheet
107Kb / 1P
   AUDIO SMT 3.5mm EARPHONE JACK
logo
Adam Technologies, Inc.
ASJ-41-5 ADAM-TECH-ASJ-41-5 Datasheet
101Kb / 1P
   3.5MM TRIPPLE STACK EARPHONE JACK
logo
SUYIN USA, INC.
010110FB SUYIN-USA-010110FB Datasheet
136Kb / 1P
   2.5mm EARPHONE JACK S.M.D TYPE
logo
Adam Technologies, Inc.
RCA-122-3-P3NK ADAM-TECH-RCA-122-3-P3NK Datasheet
71Kb / 1P
   EARPHONE JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com