Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF802 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # UF802
Description  8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF802 Datasheet(HTML) 1 Page - Won-Top Electronics

  UF802 Datasheet HTML 1Page - Won-Top Electronics UF802 Datasheet HTML 2Page - Won-Top Electronics UF802 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF800 – UF808
1 of 3
© 2002 Won-Top Electronics
UF800 – UF808
8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER
Features
!
Glass Passivated Die Construction
B
!
Ultra-Fast Switching
!
High Current Capability
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
                D
Mechanical Data
F
E
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
L
!
Mounting Position: Any
H
!
Marking: Type Number
PIN 1 +
+
J
PIN 2 -
Case
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UF800 UF801 UF802 UF803 UF804 UF806 UF808
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
V
Average Rectified Output Current
@TC = 100°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
125
A
Forward Voltage
@IF = 8.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
50
100
nS
Typical Junction Capacitance (Note 2)
Cj
80
50
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
TO-220A
Dim
Min
Max
A
14.9
15.1
B
10.5
C
2.62
2.87
D
3.56
4.06
E
13.46
14.22
F
0.68
0.94
G
3.74Ø
3.91Ø
H
5.84
6.86
I
4.44
4.70
J
2.54
2.79
K
0.35
0.64
L
1.14
1.40
P
4.95
5.20
All Dimensions in mm


Similar Part No. - UF802

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF802 PANJIT-UF802 Datasheet
71Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Won-Top Electronics
UF802 WTE-UF802 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF802 PANJIT-UF802 Datasheet
41Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF802 CHENG-YI-UF802 Datasheet
160Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
logo
Pan Jit International I...
UF802 PANJIT-UF802 Datasheet
95Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
More results

Similar Description - UF802

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF800 WTE-UF800_06 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF800F WTE-UF800F_06 Datasheet
49Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF800F WTE-UF800F Datasheet
47Kb / 3P
   8.0A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
STTH8005D ZSELEC-STTH8005D Datasheet
100Kb / 2P
   8.0A GLASS PASSIVATED ULTRAFAST DIODE
STTH8005FP ZSELEC-STTH8005FP Datasheet
87Kb / 2P
   8.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Shenzhen Luguang Electr...
GBU8005 LUGUANG-GBU8005 Datasheet
76Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005_1 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
logo
Won-Top Electronics
ER800F WTE-ER800F_06 Datasheet
56Kb / 4P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
Zibo Seno Electronic En...
SFB810 ZSELEC-SFB810 Datasheet
122Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com