Electronic Components Datasheet Search
Selected language     English  ▼


W01M Datasheet(PDF) 1 Page - Won-Top Electronics

Part No. W01M
Description  1.5A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WTE [Won-Top Electronics]
Homepage  http://www.wontop.com
Logo 

   
 1 page
background image
W005M – W10M
1 of 3
© 2002 Won-Top Electronics
W005M – W10M
1.5A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
+
~
~
-
!
UL Recognized File # E157705
C
D
Mechanical Data
!
Case: Molded Plastic
E
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
~
!
Polarity: As Marked on Body
!
Weight: 1.1 grams (approx.)
-
!
Mounting Position: Any
+
!
Marking: Type Number
G
G
~
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
W005M W01M
W02M
W04M
W06M
W08M
W10M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
40
A
Forward Voltage (per element)
@IF = 1.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
WT E
PO W E R SEM IC O ND UC TO R S
WOB
Dim
Min
Max
A
8.60
9.10
B
5.0
5.50
C
27.9
D
25.4
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE5304Silicon Bridge Rectifier 1.5A 1 2 NTE Electronics
W005G1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
DF15005S1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Diodes Incorporated
KBP005G1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Diodes Incorporated
B40C15001.5A BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
DF1501.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
DF150S1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
KBP005M1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
W005G1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Diodes Incorporated
KBP1501.5A BRIDGE RECTIFIER 1 2 3 Won-Top Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl