Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q2-F3X Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # Q2-F3X
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

Q2-F3X Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  Q2-F3X Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HEAT SHRINK THIN WALL TUBING
Qualtek Electronics
Q2-F2X(YG), Q2-F3X(YG)
YELLOW & GREEN STRIPED, FLEXIBLE,
FLAME RETARDANT, POLYOLEFIN TUBING
SHRINK RATIO 2:1 & 3:1
Features/Applications
Dual color yellow and green striped polyolefin tubing primarily used to identify
“ground” wires. It is flexible and flame retardant with permanent color properties,
making it easy to install and identify. Used for light duty harnessing and ground
wire identification.
ASTM D 2671
ASTM D 2671
ASTM D 2671
ASTM D 2671
ASTM D 2671
ASTM D 2671
ASTM D 150
ASTM D 876
UL 224
ASTM D 570
SAE-AMS-DTL-23053/5
UL 224
UL 224
14
Tensile Strength
Elongation at Break
Tensile Strength After Aging
(175°C, 168 hrs.)
Elongation After Aging (175°C, 168 hrs.)
Flammability
Heat Shock (250°C, 4 hrs.)
Cold Bend Test (-55°C, 4 hrs.)
Dielectric Strength
Volume Resistance
Copper Corrosion
Water Absorption
Chemical Resistance
Longitudinal Shrinkage
Eccentricity
14 MPa
800%
14 MPa
350%
Pass
No cracking
No cracking
20kV/mm
> 10
.cm
Pass
0.15%
Pass
0 + 5%
> 30%
Product Dimensions (2:1) Q2-F2X(YG)
Size
Product Dimensions (3:1) Q2-F3X(YG)
As
Supplied (mm)
After
Recovered (mm)
Standard
Spool
*(SS)
(Meter)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
1.6/0.5
2.4/0.8
3.2/1.0
4.8/1.5
6.4/2.0
9.5/3.0
12.7/4.0
19.1/6.0
25.4/8.0
39/13.0
1.6
2.4
3.2
4.8
6.4
9.5
12.7
19.1
25.4
39.0
0.5
0.8
1.0
1.5
2.0
3.0
4.0
6.0
8.0
13.0
0.51
0.51
0.55
0.60
0.65
0.75
0.75
0.85
1.00
1.15
200
200
200
100
100
100
50
50
50
50
mm
1/16
3/32
1/8
3/16
1/4
3/8
1/2
3/4
1
1 1/2
Inch
Size
(Inch)
As
Supplied (mm)
After
Recovered (mm)
Standard
Spool
*(SS)
(Meter)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
1.2
1.6
2.4
3.2
4.8
6.4
8.0
9.5
12.7
16.0
19.1
25.4
31.8
38.1
50.8
76.2
101.6
0.6
0.8
1.2
1.6
2.4
3.2
4.0
4.8
6.4
8.0
9.5
12.7
15.9
19.1
25.4
38.1
50.8
200
200
200
200
100
100
100
100
50
50
50
50
50
50
50
30
30
3/64
1/16
3/32
1/8
3/16
1/4
5/16
3/8
1/2
5/8
3/4
1
1 1/4
1 1/2
2
3
4
.33
.36
.44
.44
.56
.56
.56
.56
.65
.69
.80
.90
.90
1.02
1.02
1.20
1.30
Inside Diameter
(min.)
Property
a
t
a
D
l
a
c
i
p
y
T
d
o
h
t
e
M
t
s
e
T
Technical Data
Inside
Diameter
Operating temperature: -55°C to +135°C
Minimum shrink temperature: 70°C
Full recovery temperature: 100°C
Approval:
File No. E236137,
242540, 125°C
Meets: SAE-AMS-DTL-23053/5 Class 1 & 3, Sony-SS-00259
Standard color: Yellow & green striped
RoHS Compliant
UL 224, VW-1
SAE-AMS-DTL-23053/5
ISO-9001 Company
www.qualtekusa.com
Q2F2XYG,3XYG-200D
Notes:
1.
* See Part Number Guide for standard packaging codes.
2.
Special sizes, packaging, colors and cut pieces are available upon request.


Similar Part No. - Q2-F3X

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-F3X QUALTEK-Q2-F3X Datasheet
730Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F3X QUALTEK-Q2-F3X Datasheet
640Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results

Similar Description - Q2-F3X

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
   HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF_13 Datasheet
820Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com