Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6085-25CTTB Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6085-25CTTB
Description  3A Low Dropout Positive Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6085-25CTTB Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS6085-25CTTB Datasheet HTML 1Page - Silicon Standard Corp. SS6085-25CTTB Datasheet HTML 2Page - Silicon Standard Corp. SS6085-25CTTB Datasheet HTML 3Page - Silicon Standard Corp. SS6085-25CTTB Datasheet HTML 4Page - Silicon Standard Corp. SS6085-25CTTB Datasheet HTML 5Page - Silicon Standard Corp. SS6085-25CTTB Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.SiliconStandard.com
6 of 6
SS6085
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
#"
 
(?,-
,.8
,H

42=
4&
#
2$2
22
#'
4
42

)
2;
!'
4
42

&=
I==

I=$
2'I

'$45? 6

4=2
$&&

''&
'&2












'
)
42

#"
 
(?,-
,.8
,H

'I
'&

2'
';
#
2=4
2&&
#'
$'
$4=

24=
2$&

$
$$I

=$
=;

''&5? 6
0
I42
24'











2$
)

Rev.2.01 6/06/2003


Similar Part No. - SS6085-25CTTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6084 SSC-SS6084 Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CETB SSC-SS6084-15CETB Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CETR SSC-SS6084-15CETR Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CMTB SSC-SS6084-15CMTB Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CMTR SSC-SS6084-15CMTR Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
More results

Similar Description - SS6085-25CTTB

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL1085-XX IKSEMICON-IL1085-XX Datasheet
364Kb / 6P
   3A LOW DROPOUT POSITIVE REGULATOR
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085_15 Datasheet
206Kb / 9P
   3A Low Dropout Positive Regulator
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
    3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com