Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6084-33CMTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6084-33CMTR
Description  5A Low-dropout Positive Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6084-33CMTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6084-33CMTR Datasheet HTML 1Page - Silicon Standard Corp. SS6084-33CMTR Datasheet HTML 2Page - Silicon Standard Corp. SS6084-33CMTR Datasheet HTML 3Page - Silicon Standard Corp. SS6084-33CMTR Datasheet HTML 4Page - Silicon Standard Corp. SS6084-33CMTR Datasheet HTML 5Page - Silicon Standard Corp. SS6084-33CMTR Datasheet HTML 6Page - Silicon Standard Corp. SS6084-33CMTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
SS6084
Rev.2.02 4/06/2004
ORDERING INFORMATION
PIN CONFIGURATION
SS6084-XXCXXX
Example: SS6084-15CETR
à 1.5V fixed output in TO-252
shipped in tape and reel
2
3
1
TO-252
TOP VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
2
3
1
1
2
3
TO-263
TOP VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
TO-220
FRONT VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
Packing type
TB: tubes
TR: tape and reel
Package type
E: TO-252
M: TO-263
T: TO-220
Output voltage
Default: adjustable
15: 1.5V
18: 1.8V
25: 2.5V
33: 3.3V
ABSOLUTE MAXIMUM RATINGS
VIN pin to ADJ/GND pin
7V
Operating Junction Temperature Range
0
°C~ 125°C
Storage Temperature Range
- 65
°C ~ 150°C
Thermal Resistance Junction to Case
TO-252
12.5
°C/W
TO-263, TO -220
3
°C /W
Thermal Resistance Junction to Ambient
TO-252
100
°C/W
(Assume no ambient airflow, no heatsink)
TO-263
60
°C /W
TO-220
50
°C /W
Lead Temperature (Soldering) 10 sec.
260
°C


Similar Part No. - SS6084-33CMTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6085 SSC-SS6085 Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
SS6085-15CETB SSC-SS6085-15CETB Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
SS6085-15CETR SSC-SS6085-15CETR Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
SS6085-15CMTB SSC-SS6085-15CMTB Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
SS6085-15CMTR SSC-SS6085-15CMTR Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
More results

Similar Description - SS6084-33CMTR

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084_15 Datasheet
179Kb / 9P
   5A Low Dropout Positive Regulator
logo
BCD Semiconductor Manuf...
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com