Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1227V8-4.5A Datasheet(PDF) 7 Page - Xicor Inc.

Part # X1227V8-4.5A
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1227V8-4.5A Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X1227V8-4.5A Datasheet HTML 3Page - Xicor Inc. X1227V8-4.5A Datasheet HTML 4Page - Xicor Inc. X1227V8-4.5A Datasheet HTML 5Page - Xicor Inc. X1227V8-4.5A Datasheet HTML 6Page - Xicor Inc. X1227V8-4.5A Datasheet HTML 7Page - Xicor Inc. X1227V8-4.5A Datasheet HTML 8Page - Xicor Inc. X1227V8-4.5A Datasheet HTML 9Page - Xicor Inc. X1227V8-4.5A Datasheet HTML 10Page - Xicor Inc. X1227V8-4.5A Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
X1227
REV 1.1.20 1/13/03
Characteristics subject to change without notice.
7 of 28
www.xicor.com
Analog Trimming Register (ATR) (Non-volatile)
Six analog trimming Bits from ATR5 to ATR0 are pro-
vided to adjust the on-chip loading capacitance range.
The on-chip load capacitance ranges from 3.25pF to
18.75pF. Each bit has a different weight for capaci-
tance adjustment. Using a Citizen CFS-206 crystal
with different ATR bit combinations provides an esti-
mated ppm range from +116ppm to -37ppm to the
nominal frequency compensation. The combination of
digital and analog trimming can give up to +146ppm
adjustment.
The on-chip capacitance can be calculated as follows:
CATR = [(ATR value, decimal) x 0.25pF] + 11.0pF
Note that the ATR values are in two’s complement,
with ATR(000000) = 11.0pF, so the entire range runs
from 3.25pF to 18.75pF in 0.25pF steps.
The values calculated above are typical, and total load
capacitance seen by the crystal will include approxi-
mately 2pF of package and board capacitance in addi-
tion to the ATR value.
See Application section and Xicor’s Application Note
AN154 for more information.
WRITING TO THE CLOCK/CONTROL REGISTERS
Changing any of the nonvolatile bits of the clock/con-
trol register requires the following steps:
– Write a 02h to the Status Register to set the Write
Enable Latch (WEL). This is a volatile operation,
so there is no delay after the write. (Operation
preceeded by a start and ended with a stop).
– Write a 06h to the Status Register to set both the
Register Write Enable Latch (RWEL) and the WEL
bit. This is also a volatile cycle. The zeros in the data
byte are required. (Operation preceeded by a start
and ended with a stop).
– Write one to 8 bytes to the Clock/Control Registers
with the desired clock, alarm, or control data. This
sequence starts with a start bit, requires a slave byte
of “11011110” and an address within the CCR and is
terminated by a stop bit. A write to the CCR changes
EEPROM values so these initiate a nonvolatile write
cycle and will take up to 10ms to complete. Writes to
undefined areas have no effect. The RWEL bit is
reset by the completion of a nonvolatile write cycle,
so the sequence must be repeated to again initiate
another change to the CCR contents. If the
sequence is not completed for any reason (by send-
ing an incorrect number of bits or sending a start
instead of a stop, for example) the RWEL bit is not
reset and the device remains in an active mode.
– Writing all zeros to the status register resets both the
WEL and RWEL bits.
– A read operation occurring between any of the
previous operations will not interrupt the register
write operation.


Similar Part No. - X1227V8-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1227V8-4.5A INTERSIL-X1227V8-4.5A Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227V8-4.5A INTERSIL-X1227V8-4.5A Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227V8-4.5A RENESAS-X1227V8-4.5A Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1227V8-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com