Selected language     English  ▼


Q-175K Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part No. Q-175K
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QUALTEK [Qualtek Electronics Corporation]
Homepage  http://www.qualtekusa.com
Logo 

   
 1 page
background image
HEAT SHRINK THIN WALL TUBING
Qualtek Electronics
Q-175K
175°C , CLEAR, SEMI-RIGID, HIGH TEMPERATURE,
CHEMICAL RESISTANT PVDF TUBING
SHRINK RATIO 2:1
Features/Applications
Semi-rigid flame retardant heat shrinkable polyvinylidene fluoride
tubing for applications requiring high temperature performance,
outstanding abrasion and cut-through resistance or superior
chemical and solvent resistant properties. It reliably protects
wires, solder joints, terminals, connectors and components from
most industrial fluids, solvents and chemicals.
Technical Data
Property
a
t
a
D
l
a
c
i
p
y
T
d
o
h
t
e
M
t
s
e
T
13
Operating Temperature
Tensile Strength
Elongation at Break
Elongation at Break After Aging
HeatShock
Cold Bend
Dielectric Strength
Volume Resistance
Flammability
-55°C to +175°C
> 34.5 MPa
> 150%
> 100%
No cracking
No cracking
> 30 kV / mm
> 10
.cm
Pass
IEC 216
ASTM D 2671
ASTM D 2671
250°C, 168 hrs.
300°C,1 hr.
-55°C, 1 hr.
ASTM D 2671
IEC 93
VW-1
Size
Product Dimensions
Inside Diameter
(min.)
Inch
mm
Standard
Packaging
1.2
1.6
2.4
3.2
4.8
6.4
9.5
12.7
19.1
25.4
3/64
1/16
3/32
1/8
3/16
1/4
3/8
1/2
3/4
1
1.2
1.6
2.4
3.2
4.8
6.4
9.5
12.7
19.1
25.4
0.6
0.8
1.2
1.6
2.4
3.2
4.8
6.4
9.5
12.7
Inside Diameter
(max.)
200
200
200
200
100
100
-
-
-
-
Wall Thickness
(nom.)
Standard
Spool
*(SS)
(Meter)
0.20
0.20
0.23
0.23
0.23
0.28
0.28
0.32
0.36
0.41
Cut to
Length Pcs.
*(QB)
Qty per bag
32
28
24
20
16
12
8
4
2
1
6”
48”
25
25
25
25
25
25
25
5
5
5
As Supplied
(mm)
After Recovered
(mm)
Operating temperature: -55°C to +175°C
Minimum shrink temperature: 175°C
Approval:
File No. E245010
Meets: SAE-AMS-DTL-23053/8
Standard color: Clear
RoHS Compliant
Notes:
1.
* See Part Number Guide for standard packaging codes.
2.
Special sizes, packaging, colors and cut pieces are available upon request.
ISO-9001 Company
www.qualtekusa.com
Q175K-200D




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl