Selected language     English  ▼


Q-200E Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part No. Q-200E
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QUALTEK [Qualtek Electronics Corporation]
Homepage  http://www.qualtekusa.com
Logo 

   
 1 page
background image
Q-200E, Q-200E(TW)
200°C, VERY FLEXIBLE
MODIFIED FLUOROELASTOMER TUBING (Viton® )
SHRINK RATIO 2:1
Features/Applications
Q-200E is made from modified fluoroelastomer with superior impact,
abrasion and cut-through resistance. Used for applications requiring
high resistance to corrosive fluids, fuels, lubricants, acids and solvents
at elevated temperatures. Very flexible at high and low temperatures
without cracking.
Technical Data
Product Dimensions
HEAT SHRINK THIN WALL TUBING
Qualtek Electronics
Property
a
t
a
D
l
a
c
i
p
y
T
d
o
h
t
e
M
t
s
e
T
9
Operating Temperature
Tensile Strength
Elongation at Break
Elongation at Break After Aging
HeatShock
Flexibility
Dielectric Strength
Volume Resistance
Copper Corrosion (175°C, 16 hrs.)
Flammability
-55°C to +200°C
> 8.5 MPa
> 250%
> 200%
No cracking or dropping
< 13.8 MPa
> 7.9kV / mm
> 10
.cm
No corrosion
Self-extinguish in 15 sec.
IEC 216
ASTM D 2671
ASTM D 2671
250°C, 168 hrs.
300°C, 4 hrs.
ASTM D 412
ASTM D 2671
ASTM D 876
SAE-AMS-DTL-23053/13
ASTM D 2671
3.2
4.8
6.4
9.5
12.7
19.1
25.4
38.1
50.8
1.6
2.4
3.2
4.8
6.4
9.5
12.7
19.1
25.4
50
50
50
50
30
30
30
15
15
Round
Round
Round
Round
Round
Round
Flat
Flat
Flat
Size
Inside Diameter
(min.)
After Recovered
(mm)
Inside Diameter
(max.)
Standard
Spool
*(SS)
(Meter)
Tubing
Shape
0.76
0.90
0.90
0.90
1.10
1.30
1.65
1.90
1.90
As Supplied
(mm)
9.5
12.7
15.9
19.1
22.0
25.4
31.8
38.1
50.8
4.8
6.4
7.9
9.5
11.0
12.7
15.7
19.0
25.4
50
30
30
30
30
30
30
15
15
Round
Round
Round
Round
Flat
Flat
Flat
Flat
Flat
0.90
0.90
1.07
1.07
1.25
1.25
1.40
1.40
1.65
Inch
mm
1/8
3/16
1/4
3/8
1/2
3/4
1
1 1/2
2
3.2
4.8
6.4
9.5
12.7
19.1
25.4
38.1
50.8
3/8
1/2
5/8
3/4
7/8
1
1 1/4
1 1/2
2
9.5
12.7
15.9
19.1
22.0
25.4
31.8
38.1
50.8
Wall Thickness
(nom.)
Operating temperature: -55°C to +200°C
Minimum shrink temperature: 150°C
Full recovery temperature: 175°C
Approval:
File No. E245010
Meets: SAE-AMS-DTL-23053/13
Standard Color: Black
RoHS Compliant
20
16
12
8
4
2
1
1
1
Cut to
Length Pcs.
*(QB)
Qty per bag
8
4
4
2
2
1
1
1
1
25
25
25
25
5
5
5
5
5
25
5
5
5
5
5
5
5
5
6”
48”
Q-200E Fluoroelastomer Tubing
Q-200E (TW) Fluoroelastomer Thin Wall Tubing
ISO-9001 Company
www.qualtekusa.com
Q200E-200C
Notes:
1.
* See Part Number Guide for standard packaging codes.
2.
Special sizes, packaging, colors and cut pieces are available upon request.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl