Selected language     English  ▼


Q-720-BW Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part No. Q-720-BW
Description  NEMA 6-15P STRAIGHT BLADE DEVICE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QUALTEK [Qualtek Electronics Corporation]
Homepage  http://www.qualtekusa.com
Logo 

   
 1 page
background image
NOTES:
1.
RATING: 15A 250VAC
2.
COLOR: BLACK/WHITE
3.
CORD CLAMP: ACCEPTS 18/3 - 12/3 CABLE
4.
TERMINAL I.D.:
A. GROUND TERMINAL COLORED GREEN AND MARKED “GR”
B. LINE WIRES TERMINAL SCREWS COLORED BLACK
5.
APPROVALS: UL/cUL LISTED: E139592
6.
ROHS COMPLIANT
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR OR
COMMUNICATED TO A THIRD PARTY WITHOUT THE
EXPRESS WRITTEN PERMISSION OF AN OFFICER OF
QUALTEK ELECTRONICS.
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
Q-720-BW
Description:
NEMA 6-15P STRAIGHT BLADE DEVICE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
R.Nuti
04-15-09
04-15-09
LY / 04-15-09
UNIT: mm
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
20.5 ± 0.5
50.9 ± 2.0
16 ± 0.5




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl