Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24001 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X24001
Description  Identi?줡ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24001 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X24001 Datasheet HTML 3Page - Xicor Inc. X24001 Datasheet HTML 4Page - Xicor Inc. X24001 Datasheet HTML 5Page - Xicor Inc. X24001 Datasheet HTML 6Page - Xicor Inc. X24001 Datasheet HTML 7Page - Xicor Inc. X24001 Datasheet HTML 8Page - Xicor Inc. X24001 Datasheet HTML 9Page - Xicor Inc. X24001 Datasheet HTML 10Page - Xicor Inc. X24001 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
X24001
7
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(3)
Power-up to Read Operation
2
ms
tPUW(3)
Power-up to Write Operation
5
ms
3830 PGM T06
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
VCC x 0.5
3830 PGM T07.1
EQUIVALENT A.C. LOAD CIRCUIT
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
1
MHz
tAA
SCL LOW to SDA Data Out Valid
350
ns
tBUF
Time the Bus Must Be Free Before a
500
ns
New Transmission Can Start
tHD:STA
Start Condition Hold Time
250
ns
tLOW
Clock LOW Period
500
ns
tHIGH
Clock HIGH Period
500
ns
tSU:STA
Start Condition Setup Time
250
ns
tHD:DAT
Data In Hold Time
0
µs
tSU:DAT
Data in Setup Time
250
ns
tR
SDA and SCL Rise Time
1
µs
tF
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
250
ns
tDH
Data Out Hold Time
50
ns
3830 PGM T08.1
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Read & Write Cycle Limits
3830 FHD F08.2
5V
2.16K
100pF
OUTPUT
3.07K


Similar Part No. - X24001

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24012 ICMIC-X24012 Datasheet
271Kb / 14P
   Serial E2PROM
X24012D ICMIC-X24012D Datasheet
271Kb / 14P
   Serial E2PROM
X24012DG ICMIC-X24012DG Datasheet
271Kb / 14P
   Serial E2PROM
X24012DP ICMIC-X24012DP Datasheet
271Kb / 14P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com