Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X20C04EI Datasheet(PDF) 6 Page - Xicor Inc.

Part # X20C04EI
Description  Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C04EI Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X20C04EI Datasheet HTML 2Page - Xicor Inc. X20C04EI Datasheet HTML 3Page - Xicor Inc. X20C04EI Datasheet HTML 4Page - Xicor Inc. X20C04EI Datasheet HTML 5Page - Xicor Inc. X20C04EI Datasheet HTML 6Page - Xicor Inc. X20C04EI Datasheet HTML 7Page - Xicor Inc. X20C04EI Datasheet HTML 8Page - Xicor Inc. X20C04EI Datasheet HTML 9Page - Xicor Inc. X20C04EI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
X20C04
6
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified)
Read Cycle Limits
X20C04-15
X20C04-20
X20C04-25
X20C04
Symbol
Parameter
Min. Max.
Min. Max. Min. Max. Min. Max.
Units
tRC
Read Cycle Time
150
200
250
300
ns
tCE
Chip Enable Access Time
150
200
250
300
ns
tAA
Address Access Time
150
200
250
300
ns
tOE
Output Enable Access Time
50
70
100
150
ns
tLZ(3)
Chip Enable to Output in Low Z
0
0
0
0
ns
tOLZ(3)
Output Enable to Output in Low Z
0
0
0
0
ns
tHZ(3)
Chip Disable to Output in High Z
80
100
100
100
ns
tOHZ(3)
Output Disable to Output in High Z
80
100
100
100
ns
tOH
Output Hold From Address Change
0
0
0
0
ns
3825 PGM T10
Read Cycle
3825 FHD F05
Note:
(3) tLZ min., tHZ, tOLZ min., and tOHZ are periodically sampled and not 100% tested. tHZ max. and tOHZ max. are measured, with
CL = 5pF from the point when CE or OE return HIGH (whichever occurs first) to the time when the outptus are no longer driven.
tCE
tRC
ADDRESS
CE
OE
WE
DATA VALID
DATA VALID
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
DATA I/O
tOE
VIH


Similar Part No. - X20C04EI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-35 XICOR-X20C05D-35 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-45 XICOR-X20C05D-45 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-55 XICOR-X20C05D-55 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05DI-35 XICOR-X20C05DI-35 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
More results

Similar Description - X20C04EI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
   Nonvolatile Static RAM
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X22C10 XICOR-X22C10 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X24C44 XICOR-X24C44 Datasheet
60Kb / 15P
   Serial Nonvolatile Static RAM
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com