Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24001PM Datasheet(PDF) 4 Page - Xicor Inc.

Part # X24001PM
Description  Identi?줡ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24001PM Datasheet(HTML) 4 Page - Xicor Inc.

  X24001PM Datasheet HTML 1Page - Xicor Inc. X24001PM Datasheet HTML 2Page - Xicor Inc. X24001PM Datasheet HTML 3Page - Xicor Inc. X24001PM Datasheet HTML 4Page - Xicor Inc. X24001PM Datasheet HTML 5Page - Xicor Inc. X24001PM Datasheet HTML 6Page - Xicor Inc. X24001PM Datasheet HTML 7Page - Xicor Inc. X24001PM Datasheet HTML 8Page - Xicor Inc. X24001PM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
X24001
Programming Operation
Programming of the X24001 is performed one byte at a
time. After each byte is written, a delay equal to the write
cycle time of 5ms must be observed before initiating the
next write cycle.
The sequence of operations is: first raise the SCL pin to
VPGM and generate a HIGH to LOW transition of SDA
(programming mode start). This is followed by eight bits
of data containing the program command bits, four
address bits and two don’t care bits, immediately fol-
lowed by the 8-bit data byte.
The timing of the operation conforms to the standard
A.C. timing requirements and follows the sequence
shown below. After generating the Programming Mode
start condition the SCL HIGH level can be either VIH
or VPGM.
Factory Programming Service
The X24001 can be programmed with customer specific
data prior to shipment. The data programmed can be in
two forms: static data pattern where there is no change
in the data in a group of devices or sequential data, such
as a base number incremented by one for each device
tested and shipped.
Customers requiring one of these services should con-
tact their local sales office for ordering procedures and
service charges.
Figure 3. Programming Sequence
VPGM
VIH
SDA
0
1
A3 A2 A1 A0 XX XX D7 D6 D5 D4 D3 D2 D1 D0
S
T
A
R
T
SCL
3830 FHD F05.1


Similar Part No. - X24001PM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24012 ICMIC-X24012 Datasheet
271Kb / 14P
   Serial E2PROM
X24012D ICMIC-X24012D Datasheet
271Kb / 14P
   Serial E2PROM
X24012DG ICMIC-X24012DG Datasheet
271Kb / 14P
   Serial E2PROM
X24012DP ICMIC-X24012DP Datasheet
271Kb / 14P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com