Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24164P Datasheet(PDF) 6 Page - Xicor Inc.

Part # X24164P
Description  Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24164P Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X24164P Datasheet HTML 2Page - Xicor Inc. X24164P Datasheet HTML 3Page - Xicor Inc. X24164P Datasheet HTML 4Page - Xicor Inc. X24164P Datasheet HTML 5Page - Xicor Inc. X24164P Datasheet HTML 6Page - Xicor Inc. X24164P Datasheet HTML 7Page - Xicor Inc. X24164P Datasheet HTML 8Page - Xicor Inc. X24164P Datasheet HTML 9Page - Xicor Inc. X24164P Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
X24164
6
WRITE OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
ISSUE BYTE
ADDRESS
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
Flow 1. ACK Polling Sequence
Page Write
The X24164 is capable of a sixteen byte page write
operation. It is initiated in the same manner as the byte
write operation, but instead of terminating the write cycle
after the first data word is transferred, the master can
transmit up to fifteen more words. After the receipt of each
word, the X24164 will respond with an acknowledge.
After the receipt of each word, the four low order address
bits are internally incremented by one. The high order
seven bits of the word address remain constant. If the
master should transmit more than sixteen words prior to
generating the stop condition, the address counter will
“roll over” and the previously written data will be over-
written. As with the byte write operation, all inputs are
disabled until completion of the internal write cycle.
Refer to Figure 6 for the address, acknowledge and data
transfer sequence.
Acknowledge Polling
The disabling of the inputs can be used to take advan-
tage of the typical 5 ms write cycle time. Once the stop
condition is issued to indicate the end of the host’s write
operation the X24164 initiates the internal write cycle.
ACK polling can be initiated immediately. This involves
issuing the start condition followed by the slave address
for a write operation. If the X24164 is still busy with the
write operation no ACK will be returned. If the X24164
has completed the write operation an ACK will be
returned and the host can then proceed with the next
read or write operation. Refer to Flow 1.
3846 FHD F12
Figure 6. Page Write
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24164
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
WORD ADDRESS (n)
DATA n
DATA n+1
DATA n+15
NOTE: In this example n = xxxx 0000 (B); x = 1 or 0
3846 FHD F13


Similar Part No. - X24164P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165F ICMIC-X24165F Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165FG ICMIC-X24165FG Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165FP ICMIC-X24165FP Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
More results

Similar Description - X24164P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com