Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6577CGOTR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6577CGOTR
Description  External NMOS Step-Down PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577CGOTR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6577CGOTR Datasheet HTML 1Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 2Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 3Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 4Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 5Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 6Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 7Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.SiliconStandard.com
4 of 14
SS6577
Rev.1.02 3/26/2004
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
DRI Rise Time
CLOAD = 3000PF
50
75
ns
DRI Fall Time
CLOAD = 3000PF
50
75
ns
BOOST Voltage
VIN=8V, IBOOST=5mA, SW=0V
4.9
5.3
5.7
V
Maximum Duty Cycle
90
94
%
Soft Start Time
5
7.5
ms
Run Current Source
VITH/RUN=0V, VFB=0V
1.0
2.3
4.0
µA
Run Pullup Current
VITH/RUN=1V
100
190
250
µA
Note 1:
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2:
Dynamic supply current is higher due to the gate charge being delivered at the switching frequency.
TYPICAL PERFORMANCE CHARACTERISTICS
1
10
100
1000
10000
70
75
80
85
90
95
100
VIN=6V
Load Current (mA)
VIN=12V
VIN=19V
VOUT=3.3V
Fig. 1 Efficiency vs Load Current (VOUT=3.3V)
Load Current (mA)
Fig. 2 Efficiency vs Load Current (VOUT=5.0V)
1
10
100
1000
10000
70
75
80
85
90
95
100
VOUT=5V
VIN=6V
VIN=12V
VIN=19V


Similar Part No. - SS6577CGOTR

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS657 SECELECTRONICS-SS657 Datasheet
170Kb / 4P
   Unipolar Hall-Effect Digital Switch
logo
Silicon Standard Corp.
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6570CSTB SSC-SS6570CSTB Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6570CSTR SSC-SS6570CSTR Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
More results

Similar Description - SS6577CGOTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1577 AIC-AIC1577 Datasheet
340Kb / 14P
   External NMOS Step-Down PWM Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com