Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6633-CSTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6633-CSTR
Description  200mA Step-Up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6633-CSTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6633-CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6633-CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6633-CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6633-CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6633-CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6633-CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6633-CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6633-CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6633-CSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.SiliconStandard.com
3 of 10
SS6633/6633A


!"
ELECTRICAL CHARACTERISTICS   °°°° !"## $# #%&

 

       
%

'




%G.3
##6())
##6())$)
##6())$;

)'(
/
<.

))
)
;

)<<
)'/
;/.


#&!!


'.;
'<.
µ
=2&!!
##6())7##6())$)
##6())$;

'(.
/;.

µ
#-&!!



';
µ
# ,! 3
G/;:%G.3

'

3#
 
%G.3
##6())7##6())$)
##6())$;


(


2 
%G<.3
#S6()):
G/.F))
##6())$):

G/.F).
##$6())$;:

G//F<;

.(
.(
.;


2 
%G'.3
##6())7##6())$)
##6())$;

.(
.;


!B!9 

H.
'/.
';.
01 
24%+!+

''
'//
'/

B4 !
##6())
.;H
.('
.()(

#IJ= K
##6())7##6())$)
##6())$;

';
'/;

Ω
24J= K
G/

<;

Ω
#I26


'
µ
%+4&!!


'.
7+
+26


'.
7+


Rev.2.01 6/26/2003


Similar Part No. - SS6633-CSTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CNTB SSC-SS6630-3CNTB Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CNTR SSC-SS6630-3CNTR Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CSTB SSC-SS6630-3CSTB Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CSTR SSC-SS6630-3CSTR Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
More results

Similar Description - SS6633-CSTR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1320 AMSCO-AS1320_1 Datasheet
394Kb / 12P
   200mA Step-Up DC-DC Converter
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
   200mA Step-Up DC-DC Converter
AS1383 AMSCO-AS1383 Datasheet
1Mb / 22P
   200mA, 3.5MHz DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
   200mA PFM Synchronous Step-up DC/DC Converter
logo
Analog Intergrations Co...
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337_1 Datasheet
923Kb / 14P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337_09 Datasheet
811Kb / 16P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
   200mA, DC-DC Step-Up Converter with Buck Mode
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com