Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24321S8I-2.5 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X24321S8I-2.5
Description  400 KHz 2-Wire Serial E2PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24321S8I-2.5 Datasheet(HTML) 5 Page - Xicor Inc.

  X24321S8I-2.5 Datasheet HTML 1Page - Xicor Inc. X24321S8I-2.5 Datasheet HTML 2Page - Xicor Inc. X24321S8I-2.5 Datasheet HTML 3Page - Xicor Inc. X24321S8I-2.5 Datasheet HTML 4Page - Xicor Inc. X24321S8I-2.5 Datasheet HTML 5Page - Xicor Inc. X24321S8I-2.5 Datasheet HTML 6Page - Xicor Inc. X24321S8I-2.5 Datasheet HTML 7Page - Xicor Inc. X24321S8I-2.5 Datasheet HTML 8Page - Xicor Inc. X24321S8I-2.5 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
X24321
5
Figure 4. Device Addressing
1
S1
S0
R/ W
DEVICE
SELECT
0
1
0
S 2
DEVICE TYPE
IDENTIFIER
SLAVE ADDRESS BYTE
D7
D2
D1
D6
D5
D4
D3
DATA BYTE
A2
A1
A0
A5
LOW ORDER ADDRESS
A4
A3
ADDRESS BYTE 0
0
A10
A9
A8
0
HIGH ORDER ADDRESS
A11
ADDRESS BYTE 1
0
A7
A6
D0
7040 FM 06
A0
DEVICE ADDRESSING
Following a start condition, the master must output the
address of the slave it is accessing. The first four bits
of the Slave Address Byte are the device type identifier
bits. These must equal “1010”. The next 3 bits are the
device select bits S0, S1, and S2. This allows up to 8
devices to share a single bus. These bits are
compared to the S0, S1, and S2 device select input
pins. The last bit of the Slave Address Byte defines the
operation to be performed. When the R/W bit is a one,
then a Read Operation is selected. When it is zero
then a Write Operation is selected. Refer to figure 4.
After loading the Slave Address Byte from the SDA
bus, the device compares the device type bits with the
value “1010” and the device select bits with the status
of the device select input pins. If the compare is not
successful, no acknowledge is output during the ninth
clock cycle and the device returns to the standby mode.
The byte address is either supplied by the master or
obtained from an internal counter, depending on the
operation. When required, the master must supply the
two Address Bytes as shown in figure 4.
The internal organization of the E2PROM array is 128
pages by 32 bytes per page. The page address is
partially contained in the Address Byte 1 and partially in
bits 7 through 5 of the Address Byte 0. The specific byte
address is contained in bits 4 through 0 of the Address
Byte 0. Refer to figure 4.


Similar Part No. - X24321S8I-2.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AE ICMIC-X24320AE Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEG ICMIC-X24320AEG Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEP ICMIC-X24320AEP Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
More results

Similar Description - X24321S8I-2.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S-24C02D SII-S-24C02D Datasheet
1Mb / 47P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
   2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S24C512C SII-S24C512C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
S24CM01C SII-S24CM01C Datasheet
1Mb / 32P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24CM01C ABLIC-S-24CM01C Datasheet
465Kb / 32P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C16C ABLIC-S-24C16C Datasheet
456Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com