Selected language     English  ▼


Q-PTFE Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part No. Q-PTFE
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QUALTEK [Qualtek Electronics Corporation]
Homepage  http://www.qualtekusa.com
Logo 

   
 1 page
background image
HEAT SHRINK THIN WALL TUBING
Qualtek Electronics
Technical Data
Q-PTFE
TEFLON HEAT SHRINKABLE TUBING
Features/Applications
Q-PTFE heat shrinkable tubing is manufactured with polytetrafluoroethylene
(PTFE). It is specially designed for applications where high temperature and
chemical resistance is required. This tubing works great as an electrical
insulator and where highly flame retardant properties are required, such as
in the automotive, military and aerospace fields.
Product Dimensions
Property
a
t
a
D
l
a
c
i
p
y
T
d
o
h
t
e
M
t
s
e
T
Tensile Strength
Elongation at Break
Specific Gravity
Heat Shock (400°C, 4hrs.)
Cold Bend Test (-65°C, 4hrs.)
Volume Resistance
Dielectric Strength
Copper Corrosion
Flammability
Fluid Resistance
Water Absorption
> 17.3 MPa
> 200%
2.30
No cracking or dropping
No cracking
> 10
.cm
> 34kV/mm
Pass
Self-extinguish
Excellent
0.1 max.
ASTM D 2671
ASTM D 2671
ASTM D 792
ASTM D 2671
ASTM D 2671
ASTM D 2671
ASTM D 2671
UL 224
ASTM D 2671
SAE-AMS-DTL-23053/12
ASTM D 570
18
1.52
1.93
2.36
3.05
3.81
4.85
6.10
7.67
9.40
10.92
11.94
0.97
1.17
1.45
1.82
2.26
2.80
3.55
4.40
5.45
6.90
8.56
25
25
25
25
25
25
5
5
5
5
5
0.30
0.30
0.30
0.30
0.30
0.30
0.38
0.38
0.38
0.38
0.38
As Supplied (mm)
Inside Diameter
(nom.)
Wall Thickness
(nom.)
Standard
Packaging
After Recovered (mm)
Inside Diameter
(nom.)
20
18
16
14
12
10
8
6
4
2
0
Cut to
Length Pcs.
*(QB)
Qty per bag
48”
Size
(AWG)
Operating temperature: -65°C to +260°C
Full recovery temperature: 350°C
Meets: SAE-AMS-DTL-23053/12
Standard color: Clear
RoHS Compliant
ISO-9001 Company
www.qualtekusa.com
Q2PTFE-200C
Notes:
1.
* See Part Number Guide for standard packaging codes.
2.
Special sizes, packaging, colors and cut pieces are available upon request.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl