Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMR180 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QMR180
Description  MOLDED PARTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QMR180 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QMR180 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics
QMR
MEDIUM VOLTAGE RIGHT ANGLE / STRAIGHT BOOT
UP TO 36kV
Features/Applications
The medium voltage right angle boots and straight boots are made from
radiation cross-linked polyolefin. With the specially designed formulation,
the boots are excellent electrical insulators and have great anti-tracking,
UV resistant, weather proof and flame retardant properties. It can be safely
used in protecting cable ends up to 36kV against flashover or surges
induced while working in switchgear and transformer boxes.
Technical Data
Product Dimensions
Typical Data
Property
Test Method
13
Tensile Strength
Elongation at Break
Tensile Strength After Thermal Aging (120°C, 168 hrs.)
Elongation at Break After Thermal Aging (120°C, 168 hrs.)
Dielectric Strength
Tracking Resistance (3.75KV, 1hr.)
Water Absorbtion
Volume Resistance
Flammability (Oxygen Index)
Copper Corrosion (120°C, 168 hrs.)
Cold Bend (-40°C, 4 hrs.)
>12 MPa min.
>300% min.
>8.5 mpA
>200%
>15kV / mm
Pass
1% max.
10
.cm
> 25
No corrosion
No cracking
ASTM D 2671
ASTM D 2671
ASTM D 2671
ASTM D 2671
IEC 243
ASTM D 2303
ISO 62
IEC 93
IEC 93
ASTM D 2671
ASTM D 2671
QMR110 (80/36-35/18)
QMR120 (80/36-50/18)
QMR130 (80/36-50/27)
QMR140 (95/38-70/28)
QMR150 (145/72-68/34)
QMR160 (80/35-34/20)
QMR170 (80/35-58/20)
QMR180 (140/65-90/33)
80
80
80
95
145
80
80
140
35
50
50
70
68
34
58
90
-
-
-
-
-
220
220
320
36
36
36
38
72
35
35
65
Part
Number
Dl
(Min.)
D2
(Min.)
After Recovered (mm)
As Supplied (mm)
18
18
27
28
34
20
20
33
170
170
160
160
215
145
145
155
Dl
(Max.)
D2
(Max.)
Ll
( + 10%)
125
125
140
140
140
30
30
40
Right Angle
Right Angle
Right Angle
Right Angle
Right Angle
Straight
Straight
Straight
Type
3.5
3.5
3.5
4.8
4.0
3.2
3.2
4.0
4.2
3.8
3.8
4.2
4.0
3.2
3.2
4.0
Operating temperature: -55°C to +100°C
Minimum shrink temperature: 110°C
Minimum full recovery temperature: 130°C
RoHS Compliant
L2
( + 10%)
L
( + 10%)
Wl
( + 10%)
W2
( + 10%)
ISO-9001 Company
www.qualtekusa.com
QMR-200C
MOLDED PARTS


Similar Part No. - QMR180

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
QMR1 RFSOLUTIONS-QMR1 Datasheet
89Kb / 8P
   QM Receiver Module
QMR1-434 RFSOLUTIONS-QMR1-434 Datasheet
89Kb / 8P
   QM Receiver Module
QMR1-868 RFSOLUTIONS-QMR1-868 Datasheet
89Kb / 8P
   QM Receiver Module
logo
List of Unclassifed Man...
QMR16-05-CW-A ETC2-QMR16-05-CW-A Datasheet
330Kb / 6P
   5W MR16 Spot Light
QMR16-05-CW-A ETC1-QMR16-05-CW-A Datasheet
330Kb / 6P
   5W MR16 Spot Light
More results

Similar Description - QMR180

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
   MOLDED PARTS
logo
Productwell Precision E...
QMB320-60-24 PRODUCTWELL-QMB320-60-24 Datasheet
553Kb / 1P
   MOLDED PARTS
logo
Qualtek Electronics Cor...
QCFT QUALTEK-QCFT Datasheet
584Kb / 1P
   MOLDED PARTS
QLB QUALTEK-QLB Datasheet
649Kb / 1P
   MOLDED PARTS
QCB QUALTEK-QCB Datasheet
502Kb / 1P
   MOLDED PARTS
logo
Tyco Electronics
2-1190520-4 MACOM-2-1190520-4 Datasheet
159Kb / 1P
   Thermofit Molded Parts
022965-000 MACOM-022965-000 Datasheet
150Kb / 2P
   Molded Parts Customer Drawing
301A011THRU048 MACOM-301A011THRU048 Datasheet
133Kb / 1P
   MOLDED PARTS SPECIFICATION CONTROL DRAWING
024285-000 MACOM-024285-000 Datasheet
208Kb / 1P
   Molded Parts Specification Control Drawing
017055-000 MACOM-017055-000 Datasheet
150Kb / 1P
   MOLDED PARTS SPECIFICATION CONTROL DRAWING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com