Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFU1N70 Datasheet(PDF) 5 Page - SemiHow Co.,Ltd.

Part # HFU1N70
Description  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFU1N70 Datasheet(HTML) 5 Page - SemiHow Co.,Ltd.

  HFU1N70 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFU1N70 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFU1N70 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFU1N70 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFU1N70 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFU1N70 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFU1N70 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFU1N70 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
◎ SEMIHOW REV.A0,Dec 2008
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =
L
L IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BV
DSS
V
in
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
V
DD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
I
D (t)
Time
V
DD
( 0.5 rated V
DS )
10V
V
DS
R
L
DUT
R
G
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
10V
DUT
R
G
L
I
D


Similar Part No. - HFU1N70

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFU1N60 HUASHAN-HFU1N60 Datasheet
213Kb / 5P
   N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFU1N60 SEMIHOW-HFU1N60 Datasheet
610Kb / 8P
   600V N-Channel MOSFET
HFU1N60F SEMIHOW-HFU1N60F Datasheet
211Kb / 8P
   600V N-Channel MOSFET
HFU1N60F SEMIHOW-HFU1N60F_16 Datasheet
214Kb / 8P
   600V N-Channel MOSFET
HFU1N60S SEMIHOW-HFU1N60S Datasheet
727Kb / 8P
   600V N-Channel MOSFET
More results

Similar Description - HFU1N70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com