Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C00P Datasheet(PDF) 11 Page - Xicor Inc.

Part # X24C00P
Description  Serial E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C00P Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X24C00P Datasheet HTML 3Page - Xicor Inc. X24C00P Datasheet HTML 4Page - Xicor Inc. X24C00P Datasheet HTML 5Page - Xicor Inc. X24C00P Datasheet HTML 6Page - Xicor Inc. X24C00P Datasheet HTML 7Page - Xicor Inc. X24C00P Datasheet HTML 8Page - Xicor Inc. X24C00P Datasheet HTML 9Page - Xicor Inc. X24C00P Datasheet HTML 10Page - Xicor Inc. X24C00P Datasheet HTML 11Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
X24C00
11
Blank = 8-Lead SOIC
P = 8-Lead Plastic DIP
Blank = 4.5V to 5.5V, 0
°C to +70°C
I = 4.5V to 5.5V, –40
°C to +85°C
M = 4.5V to 5.5V, –55
°C to +85°C
D = 3V to 5.5V, 0
°C to +70°C
E = 3V to 5.5V, –40
°C to +85°C
F = 2.7V to 5.5V, 0
°C to +70°C
G = 2.7V to 5.5V, –40
°C to +85°C
ORDERING INFORMATION
Part Mark Convention
Device
X24C00
X
X
-X
VCC Range
Blank = 5V
±10%
3 = 3V to 5.5V
2.7 = 2.7V to 5.5V
Temperature Range
Blank = Commercial = 0
°C to +70°C
I = Industrial = –40
°C to +85°C
M = Military = –55
°C to +125°C
Package
M = 8-Lead MSOP
P = 8-Lead Plastic DIP
S = 8-Lead SOIC
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes
no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described
devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness tor any purpose. Xicor, Inc. reserves the right to
discontinue production and change specifications and prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents,
licenses are implied.
US. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481;
4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976;
4,980,859; 5,012,132; 5,003,197; 5,023,694. Foreign patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with
appropriate error detection and correction, redundancy and back-up features to prevent such an occurrence.
Xicor’s products are not authorized for use as critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life,
and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected
to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure
of the life support device or system, or to affect its satety or effectiveness.
X24C00
X
X


Similar Part No. - X24C00P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C01 ICMIC-X24C01 Datasheet
275Kb / 14P
   Serial E2PROM
logo
Xicor Inc.
X24C01A XICOR-X24C01A Datasheet
58Kb / 13P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24C01AP XICOR-X24C01AP Datasheet
58Kb / 13P
   Serial E2PROM
More results

Similar Description - X24C00P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com