Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFP4N50 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFP4N50
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP4N50 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFP4N50 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP4N50 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP4N50 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP4N50 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP4N50 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP4N50 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP4N50 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP4N50 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
◎ SEMIHOW REV.A0,July 2005
BV
DSS = 500 V
R
DS(on) typ = 2.0 Ω
I
D = 3.4 A
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 13 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 2.0 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
HFP4N50
500V N-Channel MOSFET
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
1.78
℃/W
RθCS
Case-to-Sink
0.5
--
RθJA
Junction-to-Ambient
--
62.5
July 2005
1.Gate 2. Drain 3. Source
2
1
3
TO-220
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
500
V
I
D
Drain Current
– Continuous (T
C = 25℃)
3.4
A
Drain Current
– Continuous (T
C = 100℃)
2.15
A
I
DM
Drain Current
– Pulsed
(Note 1)
13.6
A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
440
mJ
I
AR
Avalanche Current
(Note 1)
3.4
A
E
AR
Repetitive Avalanche Energy
(Note 1)
7.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
C = 25℃)
- Derate above 25℃
70
W
0.56
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300


Similar Part No. - HFP4N50

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFP4N60 HUASHAN-HFP4N60 Datasheet
211Kb / 5P
   N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP4N60 SEMIHOW-HFP4N60 Datasheet
764Kb / 8P
   600V N-Channel MOSFET
HFP4N60F SEMIHOW-HFP4N60F Datasheet
202Kb / 7P
   600V N-Channel MOSFET
HFP4N60F SEMIHOW-HFP4N60F_16 Datasheet
266Kb / 9P
   600V N-Channel MOSFET
HFP4N65 SEMIHOW-HFP4N65 Datasheet
802Kb / 8P
   650V N-Channel MOSFET
More results

Similar Description - HFP4N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com