Electronic Components Datasheet Search |
|
RA20XG15RB203A503200G Datasheet(PDF) 4 Page - TOCOSAMERICA, INC. |
|
RA20XG15RB203A503200G Datasheet(HTML) 4 Page - TOCOSAMERICA, INC. |
4 / 4 page TOCOS AMERICA, INC. 1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 56 Part Numbering System RA20 Series Resistance ( Ω) 10 20 50 Resistance ( Ω) 100 200 500 Resistance ( Ω) 1,000 2,000 5,000 Resistance ( Ω) 10,000 20,000 Code 100 200 500 Code 101 201 501 Code 102 202 502 Code 103 203 Standard Nominal Total Resistance Values and Part Numbering Codes Standard Resistance Values and Part Numbering Codes Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability. For additional information, refer to Guidelines and Precautions for Using Panel Controls. RA Y 20 203 K L S B 10 Resistance Tolerance: K = 10% (standard). J = 5% (special order ). G = 2% (special order ). F = 1% (special order ). Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 200 = 20 Ω; 201 = 200Ω; 202 = 2,000Ω; 203 = 20,000 Ω). See table for standard resistance values. For Single Unit: Specify taper and resistance code as shown. For Ganged Tandem Unit: Specify a taper code and resistance code for each unit starting with the front unit followed by the rear unit. If both units have the same taper and resistance codes, add “ X2” suffix per example below. Examples: B203A503 or if both units are the same: B203X2 Resistance Taper: B = Linear. A = CW Audio (logarithm). C = CCW Audio (logarithm). Shaft End Style: S = Slotted. F = Flatted. R = Round. Standard Shaft Length: 10 = 10mm FMS. 15 = 15mm FMS. Up to 30mm shaft length available (special order ). Style: Blank = Panel Mount, Single Unit, Single Shaft, Right Angle Ear-Lug Terminals. L = Panel Mount, Single Unit, Single Shaft with Shaft Lock, Right Angle Ear-Lug Terminals. P2 = PCB Mount, Single Unit, Single Shaft, Right Angle Mount Pin Terminals, 3-Pin Inline Pattern, 2-Pin Rear Support Bracket. G = Panel Mount, Ganged Tandem Unit, Single Shaft, Right Angle Ear-Lug Terminals on Each Unit. Operating Temperature Range: Y = 10 C to 100 C. X = 30 C to 100 C. Size: 20 = 20mm Diameter. TOCOS Series Name: RA = Wirewound Element. NOTE: FMS = From Mounting Surface |
Similar Part No. - RA20XG15RB203A503200G |
|
Similar Description - RA20XG15RB203A503200G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |