Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C01PI Datasheet(PDF) 6 Page - Xicor Inc.

Part # X24C01PI
Description  Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C01PI Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X24C01PI Datasheet HTML 2Page - Xicor Inc. X24C01PI Datasheet HTML 3Page - Xicor Inc. X24C01PI Datasheet HTML 4Page - Xicor Inc. X24C01PI Datasheet HTML 5Page - Xicor Inc. X24C01PI Datasheet HTML 6Page - Xicor Inc. X24C01PI Datasheet HTML 7Page - Xicor Inc. X24C01PI Datasheet HTML 8Page - Xicor Inc. X24C01PI Datasheet HTML 9Page - Xicor Inc. X24C01PI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
X24C01
Figure 6. ACK Polling Sequence
Acknowledge Polling
The disabling of the inputs can be used to take advan-
tage of the typical 5 ms write cycle time. Once the stop
condition is issued to indicate the end of the host’s write
operation the X24C01 initiates the internal write cycle.
ACK polling can be initiated immediately. This involves
issuing the start condition followed by the word address
for a write operation. If the X24C01 is still busy with the
write operation no ACK will be returned. If the X24C01
has completed the write operation an ACK will be
returned and the controller can then proceed with the
next read or write operation.
READ OPERATIONS
Read operations are initiated in the same manner as
write operations with exception that the R/W bit of the
word address is set to a one. There are two basic read
operations: byte read and sequential read.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read
operation, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a stop condition.
Byte Read
To initiate a read operation, the master sends a start
condition followed by a seven bit word address and a
read bit. The X24C01 responds with an acknowledge
and then transmits the eight bits of data. The read
operation is terminated by the master; by not responding
with an acknowledge and by issuing a stop condition.
Refer to Figure 7 for the start, word address, read bit,
acknowledge and data transfer sequence.
WRITE OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
3837 FHD F11
Figure 7. Byte Read
3837 FHD F12
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24C01
S
T
A
R
T
WORD
ADDRESS n
S
T
O
P
P
A
C
K
DATA n
R
/
W
L
S
B
S
M
S
B


Similar Part No. - X24C01PI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24C01PI ICMIC-X24C01PI Datasheet
275Kb / 14P
   Serial E2PROM
X24C01PI-2.7 ICMIC-X24C01PI-2.7 Datasheet
275Kb / 14P
   Serial E2PROM
X24C01PI-3 ICMIC-X24C01PI-3 Datasheet
275Kb / 14P
   Serial E2PROM
X24C01PI-3.5 ICMIC-X24C01PI-3.5 Datasheet
275Kb / 14P
   Serial E2PROM
X24C01PIG ICMIC-X24C01PIG Datasheet
275Kb / 14P
   Serial E2PROM
More results

Similar Description - X24C01PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com