Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C01APM Datasheet(PDF) 6 Page - Xicor Inc.

Part # X24C01APM
Description  Serial E2PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C01APM Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X24C01APM Datasheet HTML 2Page - Xicor Inc. X24C01APM Datasheet HTML 3Page - Xicor Inc. X24C01APM Datasheet HTML 4Page - Xicor Inc. X24C01APM Datasheet HTML 5Page - Xicor Inc. X24C01APM Datasheet HTML 6Page - Xicor Inc. X24C01APM Datasheet HTML 7Page - Xicor Inc. X24C01APM Datasheet HTML 8Page - Xicor Inc. X24C01APM Datasheet HTML 9Page - Xicor Inc. X24C01APM Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
X24C01A
6
Current Address Read
Internally the X24C01A contains an address counter
that maintains the address of the last word accessed,
incremented by one. Therefore, if the last access (either
a read or write) was to address n, the next read operation
would access data from address n + 1. Upon receipt of
the slave address with R/
W set to one, the X24C01A
issues an acknowledge and transmits the eight bit word
during the next eight clock cycles. The read operation is
terminated by the master; by not responding with an
acknowledge and by issuing a stop condition. Refer to
Figure 7 for the sequence of address, acknowledge and
data transfer.
Random Read
Random read operations allow the master to access any
memory location in a random manner. Prior to issuing
the slave address with the R/
W bit set to one, the master
must first perform a “dummy” write operation. The mas-
ter issues the start condition, and the slave address
followed by the word address it is to read. After the word
address acknowledge, the master immediately reissues
the start condition and the slave address with the R/
W bit
set to one. This will be followed by an acknowledge from
the X24C01A and then by the eight bit word. The read
operation is terminated by the master; by not responding
with an acknowledge and by issuing a stop condition.
Refer to Figure 8 for the address, acknowledge and data
transfer sequence.
Figure 7. Current Address Read
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24C01A
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
DATA
3841 FHD F12
Figure 8. Random Read
3841 FHD F13
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24C01A
S
T
A
R
T
SLAVE
ADDRESS
S
A
C
K
S
T
A
R
T
S
WORD
ADDRESS n
A
C
K
SLAVE
ADDRESS
DATA n
A
C
K
S
T
O
P
P


Similar Part No. - X24C01APM

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24C01APM ICMIC-X24C01APM Datasheet
272Kb / 13P
   Serial E2PROM
X24C01APM-3 ICMIC-X24C01APM-3 Datasheet
272Kb / 13P
   Serial E2PROM
X24C01APM-3.5 ICMIC-X24C01APM-3.5 Datasheet
272Kb / 13P
   Serial E2PROM
X24C01APMG ICMIC-X24C01APMG Datasheet
272Kb / 13P
   Serial E2PROM
X24C01APMG-3 ICMIC-X24C01APMG-3 Datasheet
272Kb / 13P
   Serial E2PROM
More results

Similar Description - X24C01APM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com