Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTX12-600 Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HTX12-600
Description  600V 12A TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX12-600 Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HTX12-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX12-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX12-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX12-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX12-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX12-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Electrical Characteristics (Ta=25℃)
Symbol
Parameter
Min
Typ
Max
Units
IGT
Gate Trigger Current
VD=6V, RL=10Ω
1+, 1-, 3-
30
mA
VGT
Gate Trigger Voltage
VD=6V, RL=10Ω
1+, 1-, 3-
1.5
V
VGD
Non Trigger Gate
Voltage
0.2
V
(dv/dt)c
Critical Rate of Rise of
Off-State Voltage at
Communication
10.0
V/uS
IH
HoldingCurrent
20
mA
IDRM
Repetitive Peak Off-
State Current
2.0
mA
VTM
Peak On-State Voltage
1.4
V
Test Conditions
Tj=125℃, VD=1/2VDRM
IT=6A, Inst, Measurement
Tj=125℃, VD=2/3VDRM
(di/dt)c=-6A/ms
VD=VDRM, Single Phase,
Half Wave, Tj=125℃
Thermal Characteristics
Symbol
Parameter
Test Conditions
Case
Min
Typ
Max
Units
HTP16-600
1.8
℃/W
HTS16-600
3.3
℃/W
Junction to Case
Thermal Resistance
RTH(J-C)


Similar Part No. - HTX12-600

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTX16-600 SEMIHOW-HTX16-600 Datasheet
329Kb / 6P
   600V 16A TRIAC
More results

Similar Description - HTX12-600

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HST12 HSMC-HST12 Datasheet
129Kb / 4P
   TRIAC 600V,12A
logo
Renesas Technology Corp
BCR12LM-12LD RENESAS-BCR12LM-12LD Datasheet
105Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR12PM-12LD RENESAS-BCR12PM-12LD Datasheet
106Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR16CM-12LC RENESAS-BCR16CM-12LC Datasheet
488Kb / 9P
   600V - 12A - Triac Medium Power Use
Feb. 1, 2019
BCR12PM-12LC RENESAS-BCR12PM-12LC_15 Datasheet
198Kb / 8P
   600V ??12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD_15 Datasheet
105Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB Datasheet
176Kb / 8P
   600v - 12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB_15 Datasheet
176Kb / 8P
   600v - 12A - Triac Medium Power Use
BCR12CM-12LB RENESAS-BCR12CM-12LB_15 Datasheet
151Kb / 9P
   600V - 12A - Triac Medium Power Use
BCR12FM-12LC RENESAS-BCR12FM-12LC Datasheet
508Kb / 9P
   600V - 12A - Triac Medium Power Use
Feb. 19, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com